Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN50178 Datasheet(PDF) 1 Page - LEM

Part # EN50178
Description  Current Transducer LTS 6-NP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

EN50178 Datasheet(HTML) 1 Page - LEM

  EN50178 Datasheet HTML 1Page - LEM EN50178 Datasheet HTML 2Page - LEM EN50178 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEM Components
www.lem.com
Page 1/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
050713/14
Current Transducer LTS 6-NP
For the electronic measurement of currents : DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
6
At
I
P
Primary current, measuring range
0 .. ± 19.2
At
Î
PDC
Overload capability
250
At
V
OUT
Analog output voltage @ I
P
2.5 ± (0.625
·I
P/IPN) V
I
P = 0
2.5 1)
V
N
S
Number of secondary turns (± 0.1 %)
2000
R
L
Load resistance
≥ 2
k
R
IM
Internal measuring resistance (± 0.5 %)
208.33
TCR
IM
Thermal drift of R
IM
< 50
ppm/K
V
C
Supply voltage (± 5 %)
5
V
I
C
Current consumption @ V
C = 5 V
Typ
28+I
S
2) +(V
OUT/RL) mA
Accuracy - Dynamic performance data
X
Accuracy @ I
PN , T A = 25°C
± 0.2
%
Accuracy with R
IM @ IPN , T A = 25°C
± 0.7
%
ε
L
Linearity error
< 0.1
%
Typ
Max
TCV
OUT Thermal drift of VOUT @ IP = 0
- 10°C .. + 85°C
80
200
ppm/K
- 40°C .. - 10°C
250
ppm/K
TC
ε
G
Thermal drift of the gain
- 40°C .. + 85°C
50 3) ppm/K
V
OM
Residual voltage @ I
P = 0,after an overload of 3 x IPN
± 0.5
mV
5 x I
PN
± 2.0
mV
10 x I
PN
± 2.0
mV
t
r a
Reaction time @ 10 % of I
PN
< 100
ns
t
r
Response time @ 90 % of I
PN
< 400
ns
di/dt
di/dt accurately followed
> 15
A/µs
f
Frequency bandwidth (0 .. - 0.5 dB)
DC .. 100
kHz
(- 0.5 .. 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 100
°C
Insulating material group
III a
m
Mass
10
g
Standards 4)
EN 50178 : 1997
IEC 60950-1 : 2001
Notes : 1) Absolute value @ T
A = 25°C,
2.475 < V
OUT < 2.525
2) Please see the operation principle on the other side
3) Only due to TCR
IM
4) Specification according to IEC 61000-4-3 are not guaranteed between
95 and 110 MHz (value higher by 5% than the specification).
Features
Closed loop (compensated) multi-
range current transducer using the
Hall effect
Unipolar voltage supply
Compact design for PCB mounting
Insulated plastic case recognized
according to UL 94-V0
Incorporated measuring resistance
Extended measuring range.
Advantages
Excellent accuracy
Very good linearity
Very low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies (UPS)
Switched Mode Power Supplies (SMPS)
Power supplies for welding
applications.
Application domain
Industrial.
Copyright protected.
I
PN
=
6 At
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
http://www.sensor.com.tw
e-mail: tope@ms1.hinet.net


Similar Part No. - EN50178

ManufacturerPart #DatasheetDescription
logo
LEM
EN50178 LEM-EN50178 Datasheet
721Kb / 3P
   Current Transducer LT 100-P
EN50178 LEM-EN50178 Datasheet
543Kb / 3P
   Current Transducer HXS 20-NP
18December2014
More results

Similar Description - EN50178

ManufacturerPart #DatasheetDescription
logo
LEM
LTS-6-NP LEM-LTS-6-NP Datasheet
625Kb / 4P
   Current Transducer LTS 6-NP
LTSR-6-NP LEM-LTSR-6-NP Datasheet
469Kb / 3P
   Current Transducer LTSR 6-NP
LAH-25-NP LEM-LAH-25-NP Datasheet
574Kb / 3P
   Current Transducer LAH 25-NP
HXS20-NP LEM-HXS20-NP_V01 Datasheet
543Kb / 3P
   Current Transducer HXS 20-NP
18December2014
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
   Current Transducer LA 25-NP
LA35-NP LEM-LA35-NP Datasheet
78Kb / 2P
   Current Transducer LA 35-NP
LAH25-NP LEM-LAH25-NP Datasheet
222Kb / 2P
   Current Transducer LAH 25-NP
LA25-NPSP11 LEM-LA25-NPSP11 Datasheet
74Kb / 2P
   Current Transducer LA 25-NP/SP11
LA25-NP14 LEM-LA25-NP14 Datasheet
80Kb / 2P
   Current Transducer LA 25-NP/SP14
HX05-NP LEM-HX05-NP Datasheet
149Kb / 2P
   Current Transducer HX 05~10-NP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com