Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D337X-6R3C2T Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 595D337X-6R3C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D337X-6R3C2T Datasheet(HTML) 7 Page - Vishay Siliconix

  595D337X-6R3C2T Datasheet HTML 1Page - Vishay Siliconix 595D337X-6R3C2T Datasheet HTML 2Page - Vishay Siliconix 595D337X-6R3C2T Datasheet HTML 3Page - Vishay Siliconix 595D337X-6R3C2T Datasheet HTML 4Page - Vishay Siliconix 595D337X-6R3C2T Datasheet HTML 5Page - Vishay Siliconix 595D337X-6R3C2T Datasheet HTML 6Page - Vishay Siliconix 595D337X-6R3C2T Datasheet HTML 7Page - Vishay Siliconix 595D337X-6R3C2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
595D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40007
84
Revision: 04-Sep-06
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
"T" Case
10000
1000
100
10
1.0
IMPEDANCE
ESR
0.1 µF, 50 VDC
3.3 µF, 6.3 VDC
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
"A" Case
1000
100
10
1.0
0.1
IMPEDANCE
ESR
1 µF, 35 VDC
15 µF, 6.3 VDC
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
100
1K
10K
100K
1M
10M
1000
100
10
1
0.1
2.2 µF, 35 VDC
22 µF, 6.3 VDC
IMPEDANCE
ESR
FREQUENCY IN HERTZ
"B" Case
"C" Case
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
10 µF, 25 VDC
FREQUENCY IN HERTZ
100 µF, 6.3 VDC
100
1K
10K
100K
1M
10M
"D" Case
FREQUENCY IN HERTZ
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
220 µF, 6.3 VDC
22 µF, 25 VDC
100
1K
10K
100K
1M
10M
"R" Case
FREQUENCY IN HERTZ
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
33 µF, 35 VDC
390 µF, 6.3 VDC
100
1K
10K
100K
1M
10M


Similar Part No. - 595D337X-6R3C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D337X9004C VISHAY-595D337X9004C Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D337X9010D VISHAY-595D337X9010D Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D337X9010R VISHAY-595D337X9010R Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D337X9016R VISHAY-595D337X9016R Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D337X96R3C VISHAY-595D337X96R3C Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
More results

Similar Description - 595D337X-6R3C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D227X0010D2T VISHAY-594D227X0010D2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com