Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3988 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3988
Description  Quad DMOS Full Bridge PWM Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3988 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3988 Datasheet HTML 1Page - Allegro MicroSystems A3988 Datasheet HTML 2Page - Allegro MicroSystems A3988 Datasheet HTML 3Page - Allegro MicroSystems A3988 Datasheet HTML 4Page - Allegro MicroSystems A3988 Datasheet HTML 5Page - Allegro MicroSystems A3988 Datasheet HTML 6Page - Allegro MicroSystems A3988 Datasheet HTML 7Page - Allegro MicroSystems A3988 Datasheet HTML 8Page - Allegro MicroSystems A3988 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The A3988 is a quad DMOS full-bridge driver capable of
driving up to two stepper motors or four dc motors. Each
full-bridge output is rated up to 1.2 A and 36 V. The A3988
includes fixed off-time pulse width modulation (PWM) current
regulators, along with 2- bit nonlinear DACs (digital-to-analog
converters) that allow stepper motors to be controlled in full,
half, and quarter steps, and dc motors in forward, reverse, and
coast modes. The PWM current regulator uses the Allegro®
patented mixed decay mode for reduced audible motor noise,
increased step accuracy, and reduced power dissipation.
Internal synchronous rectification control circuitry is provided
to improve power dissipation during PWM operation.
Protection features include thermal shutdown with hysteresis,
undervoltagelockout(UVLO)andcrossovercurrentprotection.
Special power up sequencing is not required.
The A3988 is supplied in two packages, EV and JP, with
exposed power tabs for enhanced thermal performance. The
EV is a 6 mm x 6 mm, 36 pin QFN package with a nominal
overall package height of 0.90 mm. The JP is a 7 mm × 7 mm
48 pin LQFP. Both packages are lead (Pb) free, with 100%
matte tin leadframe plating.
A3988DS, Rev. 5
Features and Benefits
▪ 36 V output rating
▪ 4 full bridges
▪ Dual stepper motor driver
▪ High current outputs
▪ 3.3 and 5 V compatible logic supply
▪ Synchronous rectification
▪ Internal undervoltage lockout (UVLO)
▪ Thermal shutdown circuitry
▪ Crossover-current protection
▪ Low profile QFN package
Quad DMOS Full Bridge PWM Motor Driver
Packages
A3988
Approximate scale
Figure 1. Typical application circuit
PHASE1
I01
I11
SENSE1
OUT2A
OUT1A
SENSE2
OUT2B
OUT1B
VDD
SENSE4
OUT4B
OUT4A
SENSE3
OUT3B
OUT3A
VREF2
PHASE2
VREF1
VREF4
VREF3
VREF
VDD 3.3 V
VMOTOR 32 V
I02
I12
PHASE3
I03
I13
PHASE4
I04
I14
0.1 μF
50 V
100 μF
50 V
0.22 μF
50 V
0.1 μF
50 V
A3988
Bipolar Stepper Motors
Microprocessor
RS2
RS1
RS3
RS4
Package EV, 36 pin QFN
0.90 mm nominal height
with exposed thermal pad
Package JP, 48 pin LQFP
with exposed thermal pad


Similar Part No. - A3988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results

Similar Description - A3988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5988 ALLEGRO-A5988 Datasheet
748Kb / 14P
   Quad DMOS Full-Bridge PWM Motor Driver
AMT49701 ALLEGRO-AMT49701 Datasheet
776Kb / 13P
   Quad DMOS Full-Bridge PWM Motor Driver
A5990 ALLEGRO-A5990 Datasheet
764Kb / 12P
   Quad DMOS Full-Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com