Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP4332PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP4332PBF
Description  PDP SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4332PBF Datasheet(HTML) 8 Page - International Rectifier

  IRFP4332PBF Datasheet HTML 1Page - International Rectifier IRFP4332PBF Datasheet HTML 2Page - International Rectifier IRFP4332PBF Datasheet HTML 3Page - International Rectifier IRFP4332PBF Datasheet HTML 4Page - International Rectifier IRFP4332PBF Datasheet HTML 5Page - International Rectifier IRFP4332PBF Datasheet HTML 6Page - International Rectifier IRFP4332PBF Datasheet HTML 7Page - International Rectifier IRFP4332PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP4332PbF
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 06/06
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.35mH, RG = 25Ω, IAS = 35A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… Half sine wave with duty cycle = 0.25, ton=1µsec.
TO-247AC package is not recommended for Surface Mount Application.
TO-247AC Package Outline Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
LINE H
INTERNATIONAL
LOGO
RECTIFIER
ASSEMBLY
56
57
IRFPE30
135H
YEAR 1 = 2001
DATE CODE
PART NUMBER
indicates "Lead-Free"
WEEK 35
LOT CODE
IN THE ASSEMBLY LINE "H"
ASSEMBLED ON WW 35, 2001
Note: "P" in assembly line position
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFPE30
LOT CODE 5657


Similar Part No. - IRFP4332PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4332PBF IRF-IRFP4332PBF Datasheet
303Kb / 9P
   Advanced Process Technology
IRFP4332PBF IRF-IRFP4332PBF_15 Datasheet
303Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRFP4332PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4227PBF IRF-IRFS4227PBF Datasheet
302Kb / 9P
   PDP SWITCH
IRGP4050 IRF-IRGP4050 Datasheet
282Kb / 8P
   PDP Switch
IRFP4229PBF IRF-IRFP4229PBF Datasheet
282Kb / 8P
   PDP SWITCH
IRFB4228PBF IRF-IRFB4228PBF Datasheet
680Kb / 8P
   PDP SWITCH
IRFB4229PBF IRF-IRFB4229PBF Datasheet
229Kb / 8P
   PDP SWITCH
IRFB4227PBF IRF-IRFB4227PBF Datasheet
294Kb / 8P
   PDP SWITCH
IRFI4227PBF IRF-IRFI4227PBF Datasheet
297Kb / 8P
   PDP SWITCH
IRFI4229PBF IRF-IRFI4229PBF Datasheet
685Kb / 8P
   PDP SWITCH
IRFP4227PBF IRF-IRFP4227PBF Datasheet
300Kb / 8P
   PDP SWITCH
IRFB4332PBF IRF-IRFB4332PBF Datasheet
310Kb / 8P
   PDP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com