Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508ABK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG508ABK
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508ABK Datasheet(HTML) 1 Page - Vishay Siliconix

  DG508ABK Datasheet HTML 1Page - Vishay Siliconix DG508ABK Datasheet HTML 2Page - Vishay Siliconix DG508ABK Datasheet HTML 3Page - Vishay Siliconix DG508ABK Datasheet HTML 4Page - Vishay Siliconix DG508ABK Datasheet HTML 5Page - Vishay Siliconix DG508ABK Datasheet HTML 6Page - Vishay Siliconix DG508ABK Datasheet HTML 7Page - Vishay Siliconix DG508ABK Datasheet HTML 8Page - Vishay Siliconix DG508ABK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
5-1
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
(Obsolete for non-hermetic. Use DG408/409 as pin-for-pin replacements.)
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 240 W
D TTL and CMOS Logic Compatible
D Low Power: 30 mW
D Break-Before-Make Switching
D 44-V Power Supply Rating
D Transition Time: 600 ns
D Easily Interfaced
D Low Power Consumption
D Low System Crosstalk
D Wide Analog Signal Range
D Communication Systems
D ATE
D Data Acquisition Systems
D Audio Signal Routing and Multiplexing
D Medical Instrumentation
DESCRIPTION
The DG508A_MIL, an 8-channel single-ended analog
multiplexer, is designed to connect one of eight inputs to a
common output as determined by a 3-bit binary address (A0,
A1, A2).
The DG509A_MIL, a dual 4-channel analog multiplexer, is
designed to connect one of four differential inputs to a common
output as determined by its 2-bit binary address (A0, A1) logic.
Break-before-make
switching
action
protects
against
momentary shorting of the input signals.
A channel in the on state conducts current equally well in both
directions. In the off state each channel blocks voltages up to
the power supply rails, normally 30 V peak-to-peak. An enable
(EN) function allows for device selection when several
multiplexers are used All control inputs, address (AX) and
enable (EN) are TTL or CMOS compatible over the full
specified operating temperature range.
Fabricated in the Vishay Siliconix Plus-40 process, the
absolute maximum voltage rating is extended to 44 V, allowing
increased operating headroom for standard
"15-V signal
swings and operation with
"20-V supplies. An epitaxial layer
prevents latch up.
The DG508A_MIL/509A_MIL are available in hermetic
packages.
For plastic packages, use the DG408/409 as
pin-for-pin replacements.
For applications requiring address data latching, the
DG528/529 is recommended. DG408/409 is recommended
for higher precision applications. For wideband/video routing
and multiplexing, the DG538A is recommended.
FUNCTIONAL BLOCK DIAGRAMS AND PIN CONFIGURATIONS
S3
A0
S6
D
S4
A1
S8
S7
EN
Dual-In-Line
A2
V–
GND
S1
V+
S2
S5
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG508A_MIL
Key
V–
NC
GND
S8
S1
S7
V+
S4
NC
D
NC
NC
S2
A1
S5
A2
S3
EN
S6
A0
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
Top View
LCC
Decoders/Drivers
DG508A_MIL


Similar Part No. - DG508ABK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG508ABK MAXIM-DG508ABK Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
logo
Intersil Corporation
DG508ABK INTERSIL-DG508ABK Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG508ABK INTERSIL-DG508ABK Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG508ABK MAXIM-DG508ABK Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Renesas Technology Corp
DG508ABK RENESAS-DG508ABK Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
More results

Similar Description - DG508ABK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506A-MIL VISHAY-DG506A-MIL Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506AMIL VISHAY-DG506AMIL Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
18-Jul-08
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com