Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

595D Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 595D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D Datasheet(HTML) 4 Page - Vishay Siliconix

  595D Datasheet HTML 1Page - Vishay Siliconix 595D Datasheet HTML 2Page - Vishay Siliconix 595D Datasheet HTML 3Page - Vishay Siliconix 595D Datasheet HTML 4Page - Vishay Siliconix 595D Datasheet HTML 5Page - Vishay Siliconix 595D Datasheet HTML 6Page - Vishay Siliconix 595D Datasheet HTML 7Page - Vishay Siliconix 595D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Sep-06
81
595D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
Vishay Sprague
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(Ohms)
MAX. RIPPLE
100 kHz
Irms
(Amps)
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 8 V
2.2
T
595D225X_010T2T
0.5
6
8.6
0.06
4.7
T
595D475X_010T2T
0.5
6
8.6
0.06
10
A
595D106X_010A2T
1.0
6
1.9
0.19
15
A
595D156X_010A2T
1.5
6
1.8
0.20
15
B
595D156X_010B2T
1.5
6
0.67
0.35
22
A
595D226X_010A2T
2.2
6
1.80
0.20
33
A
595D336X_010A2T
3.3
8
3.0
0.16
33
B
595D336X_010B2T
3.3
6
1.90
0.21
47
B
595D476X_010B2T
4.7
6
0.65
0.35
68
B
595D686X_010B2T
6.8
6
0.65
0.36
68
C
595D686X_010C2T
6.8
6
0.24
0.68
100
B
595D107X_010B2T
10.0
12
0.4
0.46
100
D
595D107X_010D2T
8.0
7
0.15
1.00
120
D
595D127X_010D2T
12.0
8
0.14
1.04
150
C
595D157X_010C2T
15.0
8
0.22
0.71
150
D
595D157X_010D2T
15.0
8
0.14
1.04
180
D
595D187X_010D2T
18.0
8
0.38
0.63
180
R
595D187X_010R2T
18.0
8
0.13
1.39
220
C
595D227X_010C2T
22.0
8
0.20
0.74
220
D
595D227X_010D2T
22.0
8
0.14
1.04
220
R
595D227X_010R2T
22.0
8
0.13
1.39
270
R
595D277X_010R2T
27.0
8
0.13
1.39
330
D
595D337X_010D2T
33.0
8
0.14
1.04
330
R
595D337X_010R2T
33.0
8
0.13
1.39
390
R
595D397X_010R2T
39.0
8
0.12
1.44
470
R
595D477X_010R2T
47.0
8
0.12
1.44
680
R
595D687X_010R2T
68.0
14
0.09
1.66
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
1.5
T
595D155X_016T2T
0.5
6
8.7
0.06
2.2
T
595D225X_016T2T
0.5
6
8.7
0.06
2.2
A
595D225X_010D2T
0.4
5
3.9
0.14
3.3
T
595D335X_016T2T
0.5
6
8.6
0.06
4.7
A
595D475X_016A2T
0.8
6
2.9
0.16
6.8
A
595D685X_016A2T
1.1
6
2.8
0.16
10
A
595D106X_016A2T
1.6
6
2.5
0.17
10
B
595D106X_016B2T
1.6
6
0.76
0.32
15
A
595D156X_016A2T
2.4
6
2.40
0.17
15
B
595D156X_016B2T
2.4
6
0.75
0.33
22
B
595D226X_016B2T
3.5
6
0.75
0.32
22
M
595D226X_016M2T
3.5
6
0.50
0.44
33
B
595D336X_016B2T
5.3
6
0.72
0.33
33
C
595D336X_016C2T
5.3
6
0.29
0.62
47
B
595D476X_016B2T
7.5
6
0.72
0.33
47
C
595D476X_016C2T
7.5
6
0.28
0.63
68
C
595D686X_016C2T
10.9
6
0.26
0.64
68
D
595D686X_016D2T
10.9
6
0.14
1.04
100
C
595D107X_016C2T
16.0
8
0.27
0.64
* Preliminary values, contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAHTantalum Capacitors 1 2 Sharma Electro Components,Inc
SALTantalum Capacitors 1 2 Sharma Electro Components,Inc
TDA335K06CBTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAJTantalum Capacitors 1 2 3 Sharma Electro Components,Inc
CS201Capacitor Networks Single-In-Line Conformal Coated SIP D Profile 1 2 3 Vishay Siliconix
MTPHWet Tantalum Capacitors 1 2 Vishay Siliconix
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc
RC02Precision chip resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC100EL345V ECL ÷2 ÷4 ÷8 Clock Generation Chip 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn