Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

595D Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. 595D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D Datasheet(HTML) 2 Page - Vishay Siliconix

  595D Datasheet HTML 1Page - Vishay Siliconix 595D Datasheet HTML 2Page - Vishay Siliconix 595D Datasheet HTML 3Page - Vishay Siliconix 595D Datasheet HTML 4Page - Vishay Siliconix 595D Datasheet HTML 5Page - Vishay Siliconix 595D Datasheet HTML 6Page - Vishay Siliconix 595D Datasheet HTML 7Page - Vishay Siliconix 595D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Sep-06
79
595D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
Vishay Sprague
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
T
0.15
T
0.22
T
0.33
T
A
0.47
T
A
A
0.68
T
A
A/B
1.0
T
A
A
B
1.5
T
A
A/B
C
2.2
T
T/A
A
A
B
B/C
3.3
T
T
A
B/C
C
C
4.7
T
T
A
A/B
B/C
C
6.8
T
A
A/B
B
C
C/D
10
T
A
A/B
B
B/C
D
D/R
15
A
A
A/B
A/B
B
C
C/D
R
22
A/B
A
B/M
B/C
C/D
D/R
R
33
A/B
S/A/B
A/B
B/C
C/D
R
47
A
A/B
B
B/C
C/D
D/R
R
68
A
A/B
B/C
C/D
D
D/R
100
A/B
B/C/M
B/D
C/D
D/R
R
120
C
C
D
R
R
150
B/C
C/D
D/R
R
180
D
D
D/R
R
220
C/D
C/D/G/H
C/D/R
R
270
C/D
R
330
C*
C/D/R
D/R
R
390
D
R
R
470
C/R
D/R
R
560
R
680
D
R
R
1000
R
R
1500
R
* Preliminary values, contact factory for availability
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(Ohms)
MAX. RIPPLE
100 kHz
Irms
(Amps)
4 WVDC AT+ 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
4.7
T
595D475X_004T2T
0.5
6
7.8
0.06
10
T
595D106X_004T2T
0.5
6
7.8
0.06
15
A
595D156X_004A2T
0.6
6
1.4
0.23
33
A
595D336X_004A2T
1.3
6
1.4
0.23
33
B
595D336X_004B2T
1.3
6
0.47
0.43
47
A
595D476X_004A2T
1.9
6
1.40
0.23
68
A
595D686X_004A2T
2.7
6
1.30
0.24
100
A
595D107X_004A2T
4.0
12
0.60
0.35
100
B
595D107X_004B2T
4.0
8
0.45
0.44
120
C
595D127X_004C2T
4.8
8
0.19
0.76
* Preliminary values, contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAHTantalum Capacitors 1 2 Sharma Electro Components,Inc
SALTantalum Capacitors 1 2 Sharma Electro Components,Inc
TDA335K06CBTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAJTantalum Capacitors 1 2 3 Sharma Electro Components,Inc
CS201Capacitor Networks Single-In-Line Conformal Coated SIP D Profile 1 2 3 Vishay Siliconix
MTPHWet Tantalum Capacitors 1 2 Vishay Siliconix
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc
RC02Precision chip resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC100EL345V ECL ÷2 ÷4 ÷8 Clock Generation Chip 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn