Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

595D Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. 595D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D Datasheet(HTML) 1 Page - Vishay Siliconix

  595D Datasheet HTML 1Page - Vishay Siliconix 595D Datasheet HTML 2Page - Vishay Siliconix 595D Datasheet HTML 3Page - Vishay Siliconix 595D Datasheet HTML 4Page - Vishay Siliconix 595D Datasheet HTML 5Page - Vishay Siliconix 595D Datasheet HTML 6Page - Vishay Siliconix 595D Datasheet HTML 7Page - Vishay Siliconix 595D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40007
78
Revision: 04-Sep-06
595D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated, Maximum CV
FEATURES
• Large capacitance rating range
• Terminations: Tin (2) standard
• 8 mm, 12 mm tape and reel packaging available
per EIA 481-1 and reeling per IEC 286-3. 7"
[178 mm] standard. 13" [330 mm] available.
• Case code compatibility with EIA 535BAAC and
CECC30801 molded chips
Capacitance Range: 0.1 µF to 1500 µF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 WVDC to 50 WVDC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Note: Refer to Doc. 40088
ORDERING INFORMATION
595D
106
X0
010
A
2
T
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION
PACKAGING
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an "R"
(6R3 = 6.3 volts).
See Ratings
and Case
Codes Table
2 = 100 % Tin
4 = Gold Plated
8 = Solder
Plated (60/40)
Special Order
T = Tape and Reel
7" [178 mm] Reel
W = 13" [330 mm] Reel
See Tape and Reel
Specifications.
DIMENSIONS in inches [millimeters]
CASE
CODE
L (Max.)
W
H
A
B
D (REF.)
J (MAX.)
T
0.087
[2.2]
0.045 ± 0.012
[1.1 ± 0.3]
0.045 ± 0.012
[1.1 ± 0.3]
0.016 ± 0.008
[0.4 ± 0.2]
0.042 ± 0.010
[1.07 ± 0.25]
0.063
[1.6]
0.004
[0.1]
S
0.126 ± 0.008
[3.2 ± 0.2]
0.067 ± 0.008
[1.7 ± 0.2]
0.051 ± 0.008
[1.3 ± 0.2]
0.031 ± 0.012
[0.80 ± 0.30]
0.078 ± 0.012
[2.0 ± 0.3]
0.086
[2.2]
0.004
[0.1]
A
0.146
[3.7]
0.072 ± 0.012
[1.8 ± 0.3]
0.056 ± 0.012
[1.4 ± 0.3]
0.031 ± 0.012
[0.80 ± 0.30]
0.085 ± 0.016
[2.2 ± 0.4]
0.115
[2.9]
0.004
[0.1]
B
0.158
[4.0]
0.110 + 0.012 - 0.016
[2.8 + 0.3 - 0.4]
0.075 + 0.012 - 0.024
[1.9 + 0.3 - 0.6]
0.031 ± 0.012
[0.80 ± 0.30]
0.097 ± 0.016
[2.5 ± 0.4]
0.138
[3.5]
0.004
[0.1]
C
0.281
[7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.098 ± 0.012
[2.5 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.236
[6.0]
0.004
[0.1]
G
0.205 ± 0.016
[5.2 ± 0.4]
0.144 ± 0.016
[3.65 ± 0.4]
0.087
[2.2] Max
0.051 ± 0.012
[1.3 ± 0.3]
0.133 ± 0.016
[3.4 ± 0.4]
0.173
[4.4]
0.004
[0.1]
H
0.205 ± 0.016
[5.2 ± 0.4]
0.181 ± 0.016
[4.6 ± 0.4]
0.078
[2.0] Max
0.051 ± 0.012
[1.3 ± 0.30]
0.133 ± 0.016
[3.4 ± 0.4]
0.173
[4.4]
0.004
[0.1]
D
0.293
[7.5]
0.170 ± 0.012
[4.3 ± 0.3]
0.110 ± 0.012
[2.8 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
M
0.129 ± 0.012
[3.3 ± 0.3]
0.106 ± 0.012
[2.7 ± 0.3]
0.067 ± 0.012
[1.7 ± 0.3]
0.031 ± 0.012
[0.80 ± 0.3]
0.078 ± 0.012
[2.0 ± 0.3]
0.095
[2.5]
0.004
[0.1]
R
0.283
[7.2]
0.235 ± 0.012
[6.0 ± 0.3]
0.136 ± 0.012
[3.5 ± 0.3]
0.051 ± 0.012
[1.3 ± .30]
0.180 ± 0.024
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
Note: The anode termination (D less B) will be a minimum of 0.010" (0.3 mm). T Case = 0.005" (0.13 mm) minimum.
Available
Pb-free
RoHS*
COMPLIANT
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
L
A
B
D
Max.
Ref.
W
J
J
H
Tantalum Wire
Nib Identifies
Anode (+)
Terminal
* Pb containing terminations are not RoHS compliant, exemptions may apply


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAHTantalum Capacitors 1 2 Sharma Electro Components,Inc
SALTantalum Capacitors 1 2 Sharma Electro Components,Inc
TDA335K06CBTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAJTantalum Capacitors 1 2 3 Sharma Electro Components,Inc
CS201Capacitor Networks Single-In-Line Conformal Coated SIP D Profile 1 2 3 Vishay Siliconix
MTPHWet Tantalum Capacitors 1 2 Vishay Siliconix
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc
RC02Precision chip resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC100EL345V ECL ÷2 ÷4 ÷8 Clock Generation Chip 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn