Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

595D Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. 595D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

595D Datasheet(HTML) 7 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
595D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40007
84
Revision: 04-Sep-06
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
"T" Case
10000
1000
100
10
1.0
IMPEDANCE
ESR
0.1 µF, 50 VDC
3.3 µF, 6.3 VDC
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
"A" Case
1000
100
10
1.0
0.1
IMPEDANCE
ESR
1 µF, 35 VDC
15 µF, 6.3 VDC
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
100
1K
10K
100K
1M
10M
1000
100
10
1
0.1
2.2 µF, 35 VDC
22 µF, 6.3 VDC
IMPEDANCE
ESR
FREQUENCY IN HERTZ
"B" Case
"C" Case
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
10 µF, 25 VDC
FREQUENCY IN HERTZ
100 µF, 6.3 VDC
100
1K
10K
100K
1M
10M
"D" Case
FREQUENCY IN HERTZ
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
220 µF, 6.3 VDC
22 µF, 25 VDC
100
1K
10K
100K
1M
10M
"R" Case
FREQUENCY IN HERTZ
100
10
1.0
0.1
0.01
IMPEDANCE
ESR
33 µF, 35 VDC
390 µF, 6.3 VDC
100
1K
10K
100K
1M
10M


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAHTantalum Capacitors 1 2 Sharma Electro Components,Inc
SALTantalum Capacitors 1 2 Sharma Electro Components,Inc
TDA335K06CBTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAJTantalum Capacitors 1 2 3 Sharma Electro Components,Inc
CS201Capacitor Networks Single-In-Line Conformal Coated SIP D Profile 1 2 3 Vishay Siliconix
MTPHWet Tantalum Capacitors 1 2 Vishay Siliconix
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc
RC02Precision chip resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC100EL345V ECL ÷2 ÷4 ÷8 Clock Generation Chip 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn