Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5818 Datasheet(PDF) 2 Page - International Rectifier

Part # 1N5818
Description  SCHOTTKY RECTIFIER 1.0 Amp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

1N5818 Datasheet(HTML) 2 Page - International Rectifier

  1N5818 Datasheet HTML 1Page - International Rectifier 1N5818 Datasheet HTML 2Page - International Rectifier 1N5818 Datasheet HTML 3Page - International Rectifier 1N5818 Datasheet HTML 4Page - International Rectifier 1N5818 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N5818, 1N5819
Bulletin PD-20590 rev. B 11/04
2
www.irf.com
Part number
1N5818
1N5819
V
R
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
30
40
I
F(AV) Max. Average Forward Current
1.0
A
50% duty cycle @ T
L =90 °C, rectangular wave form
* See Fig. 4
I
FSM
Max.PeakOneCycleNon-Repetitive
225
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 6
35
10msSineor6msRect.pulse
Absolute Maximum Ratings
Parameters
Value
Units
Conditions
Following any rated
load condition and with
rated VRRMapplied
A
T
J
Max. Junction Temperature Range
-40 to 150
°C
Tstg
Max. Storage Temperature Range
-40 to 150
°C
R
thJL
Max. Thermal Resistance Junction
80
°C/W DC operation (* See Fig. 4)
to Lead
(2)
wt
Approximate Weight
0.33(0.012) g(oz.)
CaseStyle
DO-204AL(DO-41)
Thermal-Mechanical Specifications
Parameters
Value
Units
Conditions
Parameters
1N5818 1N5819
Units
Conditions
V
FM
Max. Forward Voltage Drop
0.55
0.6
V
@ 1A
* See Fig. 1
(1)
0.71
0.73
V
@ 2A
T
J = 25 °C
0.875
0.9
V
@ 3A
0.5
0.55
V
@ 1A
0.61
0.63
V
@ 2A
T
J = 125 °C
0.77
0.79
V
@ 3A
I
RM
Max. Reverse Leakage Current
1.0
mA
T J = 25°C
* See Fig. 2
(1)
6.0
mA
T
J = 100°C
12
mA
T J = 125°C
CT
Max. Junction Capacitance
60
pF
V R = 5VDC(test signal range 100 to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured lead to lead 5mm from pack. body
dv/dt Max. Voltage Rate of Change
10000
V/µs
(Rated VR)
Electrical Specifications
V
R = rated VR
(1) Pulse Width < 300µs, Duty Cycle < 2%
(2) Mounted 1 inch square PCB, thermal probe connected to lead 2mm from package


Similar Part No. - 1N5818

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5818 MOTOROLA-1N5818 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
AiT Semiconductor Inc.
1N5818 AITSEMI-1N5818 Datasheet
563Kb / 5P
   SCHOTTKY DIODES SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
REV1.0
logo
Mospec Semiconductor
1N5818 MOSPEC-1N5818 Datasheet
213Kb / 2P
   Schottky Barrier Rectifiers
logo
Stanson Technology
1N5818 STANSON-1N5818 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Central Semiconductor C...
1N5818 CENTRAL-1N5818 Datasheet
58Kb / 1P
   Schottky Barrier Rectifier
More results

Similar Description - 1N5818

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRA120TRPBF IRF-MBRA120TRPBF Datasheet
114Kb / 6P
   SCHOTTKY RECTIFIER 1.0 Amp
logo
Yea Shin Technology Co....
MBRX120W YEASHIN-MBRX120W Datasheet
359Kb / 2P
   1.0 Amp Schottky Barrier Rectifier
logo
Micro Commercial Compon...
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
logo
Central Semiconductor C...
CPD76X-1N5817 CENTRAL-CPD76X-1N5817 Datasheet
321Kb / 3P
   Schottky Rectifier Die 1.0 Amp, 20 Volt
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
CPD76X-CMLSH1-40 CENTRAL-CPD76X-CMLSH1-40 Datasheet
456Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
CPD85V-CMPSH1-4L CENTRAL-CPD85V-CMPSH1-4L Datasheet
503Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 23-January 2017
logo
Micro Commercial Compon...
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
logo
Central Semiconductor C...
CPD76X-1N5819 CENTRAL-CPD76X-1N5819 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com