Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPC850DECZT66B Datasheet(PDF) 8 Page - Motorola, Inc

Part # XPC850DECZT66B
Description  Communications Controller Hardware Specifications
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XPC850DECZT66B Datasheet(HTML) 8 Page - Motorola, Inc

Back Button XPC850DECZT66B Datasheet HTML 4Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 5Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 6Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 7Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 8Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 9Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 10Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 11Page - Motorola, Inc XPC850DECZT66B Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
MPC850 (Rev. A/B/C) Hardware Specifications
MOTOROLA
Part IV Thermal Characteristics
Table 3 shows the thermal characteristics for the MPC850.
Table 4 provides power dissipation information.
Table 5 provides the DC electrical characteristics for the MPC850.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal resistance for BGA 1
1
For more information on the design of thermal vias on multilayer boards and BGA layout considerations in
general, refer to AN-1231/D, Plastic Ball Grid Array Application Note available from your local Motorola sales
office.
θ
JA
40 2
2 Assumes natural convection and a single layer board (no thermal vias).
°C/W
θ
JA
31 3
3
Assumes natural convection, a multilayer board with thermal vias4, 1 watt MPC850 dissipation, and a board
temperature rise of 20
°C above ambient.
°C/W
θ
JA
24 4
4 Assumes natural convection, a multilayer board with thermal vias4, 1 watt MPC850 dissipation, and a board
temperature rise of 13
°C above ambient.
TJ = TA + (PD
θJA)
PD = (VDD
IDD) + PI/O
where:
PI/O is the power dissipation on pins
°C/W
Thermal Resistance for BGA (junction-to-case)
θ
JC
8
°C/W
Table 4. Power Dissipation (PD)
Characteristic
Frequency (MHz)
Typical 1
1
Typical power dissipation is measured at 3.3V
Maximum 2
2
Maximum power dissipation is measured at 3.65 V
Unit
Power Dissipation
All Revisions
(1:1) Mode
33
TBD
515
mW
40
TBD
590
mW
50
TBD
725
mW
Table 5. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage at 40 MHz or less
VDDH, VDDL,
KAPWR, VDDSYN
3.0
3.6
V
Operating voltage at 40 MHz or higher
VDDH, VDDL,
KAPWR, VDDSYN
3.135
3.465
V
Input high voltage (address bus, data bus, EXTAL, EXTCLK,
and all bus control/status signals)
VIH
2.0
3.6
V
Input high voltage (all general purpose I/O and peripheral pins)
VIH
2.0
5.5
V


Similar Part No. - XPC850DECZT66B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XPC850DECZT66BU MOTOROLA-XPC850DECZT66BU Datasheet
778Kb / 76P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
XPC850DECZT66BU NXP-XPC850DECZT66BU Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Freescale Semiconductor...
XPC850DECZT66BU FREESCALE-XPC850DECZT66BU Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
More results

Similar Description - XPC850DECZT66B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XPC850ZT50BU MOTOROLA-XPC850ZT50BU Datasheet
778Kb / 76P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Fujitsu Component Limit...
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
   Graphics Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8555E FREESCALE-MPC8555E Datasheet
1Mb / 88P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com