Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH2400 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. SFH2400
Description  Silicon PIN Photodiode with Very Short Switching Time
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

SFH2400 Datasheet(HTML) 1 Page - OSRAM GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SFH 2400
SFH 2400 FA
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit
Silicon PIN Photodiode with Very Short Switching Time
SFH 2400
SFH 2400 FA
2001-02-22
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 400 nm bis 1100 nm (SFH 2400) und bei
880 nm (SFH 2400 FA)
• Kurze Schaltzeit (typ. 5 ns)
• SMT-Bauform, geeignet für Vapor Phase-Löten
und IR-Reflow-Löten (JEDEC level 4)
• Nur gegurtet lieferbar
Anwendungen
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Schnelle Lichtschranken für Gleich- und
Wechsellichtbetrieb
•LWL
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 2400
Q62702-P1794
Klares Epoxy-Gie
βharz, Kathodenkennzeichung:
breiter Anschluß
Transparent epoxy resin, cathode marking: broad lead
SFH 2400 FA
Q62702-P5035
Schwarzes Epoxy-Gie
βharz, Kathodenkennzeichung:
breiter Anschluß
Black epoxy resin, cathode marking: broad lead
Features
• Especially suitable for applications from
400 nm to 1100 nm (SFH 2400) and of 880 nm
(SFH 2400 FA)
• Short switching time (typ. 5 ns)
• SMT package, suitable for vapor phase and IR
reflow soldering (JEDEC level 4)
• Available only on tape and reel
Applications
• Industrial electronics
• For control and drive circuits
• Photointerrupters
• Fiber optic transmission systems


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn