Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13028AD Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC13028AD
Description  C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13028AD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC13028AD Datasheet HTML 3Page - Motorola, Inc MC13028AD Datasheet HTML 4Page - Motorola, Inc MC13028AD Datasheet HTML 5Page - Motorola, Inc MC13028AD Datasheet HTML 6Page - Motorola, Inc MC13028AD Datasheet HTML 7Page - Motorola, Inc MC13028AD Datasheet HTML 8Page - Motorola, Inc MC13028AD Datasheet HTML 9Page - Motorola, Inc MC13028AD Datasheet HTML 10Page - Motorola, Inc MC13028AD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MC13028A
7
MOTOROLA ANALOG IC DEVICE DATA
IF
Input
Figure 1. Typical Circuit for E.T.R. Applications
NOTES: 1. The 47
µF capacitor is recommended to be a low leakage type capacitor. Leakage current due to this capacitor causes
increase in stereo distortion and decreased separation performance.
2. The recommended source for this part is Murata Products. CSA3.60MGF108. The location of this part should be carefully
considered during the layout of the decoder circuit. This part should not be near the audio signal paths, the 25 Hz pilot filter
lines, or the VCC high current lines, and the ceramic element ground line should be direct to the chassis ground lead in order
to avoid any oscillator inter–modulation.
3. The 43 pF capacitor is recommended to be a NPO type ceramic part. Changing the value of this capacitor alters the lock
range of the decoder PLL.
4. The tolerance on the value of the 0.22
µF capacitor should be within ± 20% for the full design temperature range of operation.
Any reduction in the value of this capacitor due to temperature excursions will reduce the pilot tone circuit sensitivity.
5. The 0.47
µF capacitor is recommended to be a low ESR type capacitor, (less than 1.5 Ω) in order to avoid increased audio
output distortions under weak input signal conditions with higher modulation levels.
6. The scan/mute function is located on the Blend pin at Pin 8. To provide this function, Pin 8 should be pulled down below 0.3 V
until the decoder and the synthesizer have both locked to a new station.
RF AGC’d IF Signal from
Mixer (450 kHz from
Tuner IC Section)
10
µF
0.01
µF
R1
Stereo
Threshold Adjust
AGC
Bypass
IF
Bypass
Gnd
Stereo
Indicator
(Note 6)
Blend
Scan
Mute
Reg
Signal Quality
Detector
AGC
IF
Amp
AM Stereo
Decoder
VCO
B8
Pilot Tone
Detector
Optional
Force to
Mono
12
34
5
6
7
8
16
15
14
13
12
11
10
9
Pilot I
Input
Pilot Q
Input
Pilot
Input
10
µF
0.47
µF
(Note 4)
0.22
µF
VCC
43 pF
(Note 3)
(Note 2)
47
47
µF
(Note 1)
RO
Left Output
Right Output
NRSC Roll–Off Filter
RO
0.47
µF
(Note 5)
10
µF
Ref
10
µF
+
+
++
++
+
47
µF
+


Similar Part No. - MC13028AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022AP MOTOROLA-MC13022AP Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
More results

Similar Description - MC13028AD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
TOKO, Inc
TK14552V TOKO-TK14552V Datasheet
263Kb / 2P
   Wide band AM / ASK IF IC for ETC
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com