Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-702FS Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTV-702FS
Description  NPN-OUTPUT DC-INPUT OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-702FS Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTV-702FS Datasheet HTML 1Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 2Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 3Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 4Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 5Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 6Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 7Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 8Page - Lite-On Technology Corporation LTV-702FS Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ABSOLUTE MAXIMUM RATING
( Ta = 25
°C )
PARAMETER
SYMBOL
RATING
UNIT
Forward Current
IF
60
mA
Reverse Voltage
VR
6
V
INPUT
Power Dissipation
P
105
mW
Collector - Emitter Voltage
VCEO
70
V
Emitter - Collector Voltage
VECO
6
V
Collector Current
IC
50
mA
OUTPUT
Collector Power Dissipation
PC
160
mW
Total Power Dissipation
Ptot
200
mW
*1
Isolation Voltage
Viso
5,000
Vrms
Operating Temperature
Topr
-55 ~ +100
°C
Storage Temperature
Tstg
-55 ~ +150
°C
*2
Soldering Temperature
Tsol
260
°C
*1. AC For 1 Minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1) Short between anode and cathode on the primary side and between collector and
emitter on the secondary side.
(2) The isolation voltage tester with zero-cross circuit shall be used.
(3) The waveform of applied voltage shall be a sine wave.
*2. For 10 Seconds
Part No. : LTV-702F ( M, S, S-TA1 )
Page :
5 of 10
BNS-OD-C131/A4


Similar Part No. - LTV-702FS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-702FS TENAND-LTV-702FS Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-702FS-TA TENAND-LTV-702FS-TA Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-702FS-TA1 TENAND-LTV-702FS-TA1 Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
More results

Similar Description - LTV-702FS

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
   DC Input Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
   DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
   DC Input Optocoupler
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
   DC Input Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
   DC Input Optocoupler
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
   DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
   DC Input Optocoupler
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
   DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
   DC Input Quad Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
   DC Input Quad Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com