Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MNLM185B-X Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MNLM185B-X
Description  MICROCIRCUIT DATA SHEET
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM185B-X Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MNLM185B-X Datasheet HTML 1Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 2Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 3Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 4Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 5Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 6Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 7Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 8Page - National Semiconductor (TI) MNLM185B-X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MICROCIRCUIT DATA SHEET
MNLM185B-X REV 0B0
Features
-
Adjustable from 1.24V to 5.30V.
-
Operating current of 10 uA to 20 mA.
-
1% and 2% initial tolerance.
-
1 Ohm dynamic impedance.
-
Low temperature coefficient.
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn