Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT54FCT163T Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT54FCT163T
Description  FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT163T Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT54FCT163T Datasheet HTML 1Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 2Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 3Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 4Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 5Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 6Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDT54/74FCT163T/AT/CT
FASTCMOSSYNCHRONOUSPRESETTABLEBINARYCOUNTER
MILITARYANDINDUSTRIALTEMPERATURERANGES
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is ±5µ A at TA = -55°C.
5. Clock pin requires a minimum VIH of 2.5V.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = -40°C to +85°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
COM’L.(5)
2—
V
MIL.
2.7
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1
µ A
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
±1
µ A
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1
µ A
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VO = GND
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL
IOH = –8mA IND
2.4
3.3
V
IOH = –12mA MIL
IOH = –15mA IND
23
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 32mA MIL
IOL = 48mA IND
—0.3
0.5
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
—.01
1
mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SY10E016 8-BIT SYNCHRONOUS BINARY UP COUNTER 1  2  3  4  5  More Micrel Semiconductor
CD54HCT393 High-Speed CMOS Logic Dual 4-Stage Binary Counter 1  2  3  4  5  More Texas Instruments
M74HC192 SYNCHRONOUS UP/DOWN DECADE COUNTER 1  2  3  4  5  More STMicroelectronics
54F191 Up/Down Binary Counter with Preset and Ripple Clock 1  2  3  4  5  More National Semiconductor (TI)
PI49FCT805T Fast CMOS Buffer/Clock Driver 1  2  3  4  5  More Pericom Semiconductor Corporation
IDT74FCT16952AT FAST CMOS 16-BIT REGISTERED TRANSCEIVER 1  2  3  4  5  More Integrated Device Technology
CD74AC283 4-Bit Binary Fill Adder With Fast Carry 1  2  3  4  5  More Texas Instruments
74VHC393 Dual 4-Bit Binary Counter 1  2  3  4  5  More Fairchild Semiconductor
SN54HC191 4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
IDT71V2577 128K x 36 256K x 18 3.3V Synchronous SRAMs 2.5V I/O Flow-Through Outputs Burst Counter Single Cycle Deselect 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn