Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT54FCT163T Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT54FCT163T
Description  FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT163T Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT163T Datasheet HTML 1Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 2Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 3Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 4Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 5Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 6Page - Integrated Device Technology IDT54FCT163T Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT163T/AT/CT
FASTCMOSSYNCHRONOUSPRESETTABLEBINARYCOUNTER
PIN CONFIGURATION
CERDIP/ SOIC/ QSOP/ CERPACK
TOP VIEW
D16-1
SO16-1
SO16-7
E16-1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
SR
CP
GND
CEP
P0
TC
Q0
Q1
Q2
Q3
CET
PE
VCC
P1
P2
P3
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
L20-2
NC
Q0
Q1
Q2
Q3
IN DEX
P0
P1
P3
NC
P2
FUNCTION TABLE(1)
Action on the Rising
SR
PE
CET
CEP
Clock Edge(s)
L
X
X
X
Reset (Clear)
H
L
X
X
Load (Pn
→Qn)
H
H
H
H
Count(Increment)
H
H
L
X
No Change (Hold)
H
H
X
L
No Change (Hold)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
PIN DESCRIPTION
Pin Names
Description
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
C P
Clock Pulse Input (Active Rising Edge)
SR
Synchronous Reset Input (Active LOW)
P0-3
Parallel Data Inputs
PE
Parallel Enable Input (Active LOW)
Q0-3
Flip-FlopOutputs
TC
TerminalCountOutput
LCC
TOP VIEW
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Max.
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
8T-link
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
No
terminal voltage may exceed Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Outputs and I/O terminals only.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
8T-link
NOTE:
1. This parameter is measured at characterization but not tested.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SY10E016 8-BIT SYNCHRONOUS BINARY UP COUNTER 1  2  3  4  5  More Micrel Semiconductor
CD54HCT393 High-Speed CMOS Logic Dual 4-Stage Binary Counter 1  2  3  4  5  More Texas Instruments
M74HC192 SYNCHRONOUS UP/DOWN DECADE COUNTER 1  2  3  4  5  More STMicroelectronics
54F191 Up/Down Binary Counter with Preset and Ripple Clock 1  2  3  4  5  More National Semiconductor (TI)
PI49FCT805T Fast CMOS Buffer/Clock Driver 1  2  3  4  5  More Pericom Semiconductor Corporation
IDT74FCT16952AT FAST CMOS 16-BIT REGISTERED TRANSCEIVER 1  2  3  4  5  More Integrated Device Technology
CD74AC283 4-Bit Binary Fill Adder With Fast Carry 1  2  3  4  5  More Texas Instruments
74VHC393 Dual 4-Bit Binary Counter 1  2  3  4  5  More Fairchild Semiconductor
SN54HC191 4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
IDT71V2577 128K x 36 256K x 18 3.3V Synchronous SRAMs 2.5V I/O Flow-Through Outputs Burst Counter Single Cycle Deselect 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn