Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RB751V40 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. RB751V40
Description  SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

RB751V40 Datasheet(HTML) 3 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RB751V40
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R601-022,A
TYPICAL CHARACTERISTICS
0
1
µ
100
µ
1m
100m
1000m
0.4
1.4
1.6
Fonward Voltage, VF (V)
0
1n
35
Reverse Voltage, VR (V)
100
µ
100n
1
µ
0.2
0.6
1.0
Forward Characteristics
20
Reverse Characteristics
0.8
10
µ
10n
1.2
30
15
5
Ta = 75℃
Typ.
pulse measurement
Ta = 25℃
Ta = -25℃
10m
10
µ
Ta = 75℃
Ta = 125℃
Ta = 25℃
Ta = -25℃
Typ.
pulse measurement
25
10
0
1
5
10
50
100
412
Reverse Voltage, VR (V)
28
Capacitance Between Terminals Characteristics
6
10
20
2
Ta = 25℃
f = 1MHz
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
PBYR235CTRectifier diodes Schottky barrier 1 2 3 4 5 NXP Semiconductors
SD101ASmall Signal Schottky Diodes 1 2 3 4 5 Vishay Siliconix
LL101ASmall Signal Schottky Barrier Diodes 1 2 3 4 5 Vishay Siliconix
NSR1020MW2T1GSchottky Barrier Diodes 1 2 3 ON Semiconductor
HSCH-5300Beam Lead Schottky Diodes for Mixers and Detectors 1 - 26 GHz 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSMP-381BSurface Mount PIN Diodes in SOT-323 SC-70 3-Lead 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn