Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPG2162T5N Datasheet(PDF) 2 Page - California Eastern Labs

Part No. UPG2162T5N
Description  DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

UPG2162T5N Datasheet(HTML) 2 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
ANT2
2
Vcont2
3
OUT2 (RX)
4
OUT1 (TX)
5
Vcont1
(Top View)
(Top View)
6
5
4
1
2
3
1
2
3
6
5
4
(Bottom View)
1
2
3
6
5
4
6
ANT1
Remark Exposed pad : GND
TRUTH TABLE
Vcont1
Vcont2
ANT1
−OUT1 (TX)
ANT1
−OUT2 (RX)
ANT2
−OUT1 (TX)
ANT2
−OUT2 (RX)
High
Low
OFF
ON
ON
OFF
Low
High
ON
OFF
OFF
ON
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Switch Control Voltage
Vcont
−6.0 to +6.0
V
Input Power
Pin
+32
dBm
Operating Ambient Temperature
TA
−45 to +85
°C
Storage Temperature
Tstg
−55 to +135
°C
RECOMMENDED OPERATING RANGE (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Switch Control Voltage (H)
Vcont (H)
2.8
3.0
5.0
V
Switch Control Voltage (L)
Vcont (L)
−0.3
0
0.3
V
Operating Frequency 1
f1
2.4
2.5
GHz
Operating Frequency 2
f2
4.9
6.0
GHz
Data Sheet PG10632EJ01V0DS
2
µPG2162T5N


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn