Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX017DLT Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX017DLT
Description  XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX017DLT Datasheet(HTML) 1 Page - Sony Corporation

  LCX017DLT Datasheet HTML 1Page - Sony Corporation LCX017DLT Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XGA Data Projector LCD Product Line
Featuring the Industry’s Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
LCX023ELT/EMT
LCX029CNT/CPT, CRT/CST
LCX038ART/AST
Due to the increasingly widespread use of data projectors,
there are now even stronger desires for brighter and higher
resolution projectors. To respond to these desires, Sony has
developed a product line of 786K-dot XGA data projector
LCDs based on the unique Sony-developed DMS structure
and taking full advantage of high light resistance technol-
ogy and a newly-developed high aperture ratio structure.
All three sizes, 1.8 cm (0.7-type), 2.3 cm (0.9-type), and 3.3
cm (1.3-type), achieve the highest brightness in their size
class in the industry, and can be used in a wide range of
applications, from mobile PC-based presentations to con-
ference rooms, and even in large conference halls.
s
These devices achieve the highest optical
transmittance in their size class
1.8 cm (0.7-type): 21% (typ.)
s
Dual Metal Shield (DMS) structure adopted
s
Aspherical high efficiency microlenses
incorporated
s
Improved uniformity due to the adoption
of the OCS (On Chip Spacer) structure
s
Built-in crosstalk-free and ghost-free cir-
cuits
s
Up/down and/or right/left inversion func-
tions, input level shifter circuits
s
Antidust glass structure adopted
Highest Optical
Transmittance in Their
Class Achieved
By adopting Sony’s unique DMS struc-
ture, a newly-developed high aperture
ratio structure, and aspheric microlenses
(with ML) these products achieve the
greatest brightness of any devices in
their respective size class. The 1.8 cm
(0.7-type) models achieve an aperture
ratio of 42% and an optical transmit-
tance of 21% (with ML), the 2.3 cm
(0.9-type) models achieve an aperture
ratio of 54% and an optical transmit-
tance of 26% (with ML), and the 3.3
cm (1.3-type) models achieve an
aperture ratio of 67% and an optical
transmittance of 30% (with ML). For
the 2.3 cm (0.9-type) models this
corresponds to an improvement by a
factor of 1.2 over conventional products.
To improve the light resistance, we
developed the DMS structure used in
previous products even further, and
achieved light resistances of 1000 ANSI
lm in the 0.7-type models, 1500 ANSI
lm in the 0.9-type models, and 3000
ANSI lm in the 1.3-type models. In par-
ticular, the LCX038ART/AST is the
industry’s first 1.8 cm (0.7-type) XGA
data projector LCD, and can be used to
implement ultraportable data projectors.
(See table 1.)
High-picture Quality
Achieved
The three model types in this release all
adopt the TFT circuit technology devel-
oped in Sony’s previous data projector
LCD products, and achieve crosstalk-
free and ghost-free display. The device
structure is a high-brightness structure
consisting of a high light resistance
DMS structure and an OCS structure,
and achieves excellent uniformity.
Furthermore, by adopting this device
structure and the CXD3503R color
shading correction IC, it is possible to
correct not only for color shading in the
LCD panel itself, but also for color
shading in the illumination system, and
thus these devices can achieve high-
picture quality images with greater
evenness. All three of the model types
in this release feature a contrast of 400:1
(typical), which was achieved by opti-
mizing both the LCD design and the
LCD orientation technology.
Ease of Use
To support a wide range of applications,
Sony data projector LCDs include both
up/down and/or right/left inversion
functions and input level shifter circuit
to allow 5 V drive of the timing system.
Related Sony products create an envi-
ronment that allows users to get the best
performance from the characteristics
provided by the LCDs themselves.
These products include, for the analog
system, the CXA2111R signal driver
and the CXA3512R high voltage drive
sample-and-hold IC, which has been
well-received by the market, and the
CXD2467AQ, which integrates a pro-
grammable TG and RGB drivers on a
single chip as the digital system struc-
ture.
VOICE
To respond to our customers de-
sires for even brighter images
with even higher picture quality,
we are simultaneously releasing
three new XGA data projector
LCDs, a high-brightness 1.3-type
device, a 0.9-type device, and a
0.7-type device. All of us on this
project team grappled with the
main development issues, which
were to achieve both high optical
transmittance and high light re-
sistance. We are convinced that
Sony’s customers will be fully
satisfied with this new lineup of
XGA LCD products for use in ap-
plications from ultrasmall mobile
projectors to high picture quality
portable projectors.


Similar Part No. - LCX017DLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
More results

Similar Description - LCX017DLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX307AK SONY-ACX307AK Datasheet
31Kb / 2P
   High Transmittance 6.25 cm (2.5-type) Transmissive Color LCD Panels
LCX037BL SONY-LCX037BL Datasheet
60Kb / 2P
   High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age
logo
List of Unclassifed Man...
SLD1332V ETC1-SLD1332V Datasheet
37Kb / 2P
   The Industrys Highest Power 670 nm Band Laser Diode Achieves 500 mW Optical Power Output
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
OmniVision Technologies...
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
   highest resolution in small die size
logo
List of Unclassifed Man...
ACX310 ETC-ACX310 Datasheet
32Kb / 2P
   High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel
logo
ams AG
KW2HML631.TK AMSCO-KW2HML631.TK Datasheet
1Mb / 24P
   The OSLON Black Flat X product family offers LED devices with the highest efficiency in the Osram portfolio.
Version 1.2 2022-02-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com