Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1540AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1540AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1540AT Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1540AT Datasheet HTML 1Page - Vishay Siliconix LH1540AT Datasheet HTML 2Page - Vishay Siliconix LH1540AT Datasheet HTML 3Page - Vishay Siliconix LH1540AT Datasheet HTML 4Page - Vishay Siliconix LH1540AT Datasheet HTML 5Page - Vishay Siliconix LH1540AT Datasheet HTML 6Page - Vishay Siliconix LH1540AT Datasheet HTML 7Page - Vishay Siliconix LH1540AT Datasheet HTML 8Page - Vishay Siliconix LH1540AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83833
Rev. 1.4, 26-Oct-04
LH1540AAB/ AABTR/ AT
Vishay Semiconductors
Figure 5. Current Limit vs. Temperature
Figure 6. ON-Resistance vs. Temperature
Figure 7. Variation in ON-Resistance vs. LED Current
i1540at_04
40
10
30
20
0
–20
–10
–40
–30
t=5 ms
AMBIENT TEMPERATURE (°C)
IF=5.0 mA
VL=SEE ELEC. CHAR.
–40
–20
0
20
40
60
80
i1540at_05
50
10
30
20
40
–20
–30
–10
–40
0
AMBIENT TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
IL=50 mA
i1540at_06
04
812
1620
1.5
0.5
–0.5
1.0
0
LED FORWARD CURRENT (mA)
IL=50 mA
Figure 8. Switch Capacitance vs. Applied Voltage
Figure 9. Insertion Loss vs. Frequency
Figure 10. Output Isolation
i1540at_07
0
80
60
50
0
40
30
20
10
70
20
40
APPLIED VOLTAGE (V)
60
100
80
IF=0
f=1.0 MHz
i1540at_08
FREQUENCY (Hz)
0.30
0
0.25
0.20
0.10
0.05
102
103
104
105
0.15
RL=600
i1540at_09
FREQUENCY (Hz)
100
80
60
40
20
0
VP=10 V
RL=50
102
103
104
105
106
107


Similar Part No. - LH1540AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1540AT INFINEON-LH1540AT Datasheet
64Kb / 5P
   1 Form A Solid State Relay
March 23, 2001-12
logo
Vishay Siliconix
LH1540AT VISHAY-LH1540AT Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
LH1540AT VISHAY-LH1540AT Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.0, 05-Jul-2018
LH1540AT VISHAY-LH1540AT Datasheet
204Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1540AT VISHAY-LH1540AT Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1540AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com