Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1540AAB Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. LH1540AAB
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

LH1540AAB Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83833
Rev. 1.4, 26-Oct-04
LH1540AAB/ AABTR/ AT
Vishay Semiconductors
Figure 5. Current Limit vs. Temperature
Figure 6. ON-Resistance vs. Temperature
Figure 7. Variation in ON-Resistance vs. LED Current
i1540at_04
40
10
30
20
0
–20
–10
–40
–30
t=5 ms
AMBIENT TEMPERATURE (°C)
IF=5.0 mA
VL=SEE ELEC. CHAR.
–40
–20
0
20
40
60
80
i1540at_05
50
10
30
20
40
–20
–30
–10
–40
0
AMBIENT TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
IL=50 mA
i1540at_06
04
812
1620
1.5
0.5
–0.5
1.0
0
LED FORWARD CURRENT (mA)
IL=50 mA
Figure 8. Switch Capacitance vs. Applied Voltage
Figure 9. Insertion Loss vs. Frequency
Figure 10. Output Isolation
i1540at_07
0
80
60
50
0
40
30
20
10
70
20
40
APPLIED VOLTAGE (V)
60
100
80
IF=0
f=1.0 MHz
i1540at_08
FREQUENCY (Hz)
0.30
0
0.25
0.20
0.10
0.05
102
103
104
105
0.15
RL=600
i1540at_09
FREQUENCY (Hz)
100
80
60
40
20
0
VP=10 V
RL=50
102
103
104
105
106
107


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LH1540AT1 Form A Solid State Relay 1 2 3 4 5 Infineon Technologies AG
LH1529ABTelecom Switch - 1 Form A Solid State Relay 1 2 3 4 Infineon Technologies AG
LH1523BBDual 1 Form B Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1510AAB1 Form A Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1541AT11 Form A Solid State Relay Low Capacitance 1 2 3 4 5 Vishay Siliconix
VN920SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
L53HDT-1 3/4 5mm SOLID STATE LAMPS 1 2 3 4 5 MoreKingbright Corporation
L934SET-1 3mm SOLID STATE LAMPS 1 2 3 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn