Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39W800A-90-4C-C2KE Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST39W800A-90-4C-C2KE
Description  8 Mbit (x16) Multi-Purpose Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39W800A-90-4C-C2KE Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST39W800A-90-4C-C2KE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39W800A-90-4C-C2KE Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Data Sheet
8 Mbit Multi-Purpose Flash
SST39WF800A
©2006 Silicon Storage Technology, Inc.
S71258-05-000
7/06
TABLE
8: DC Operating Characteristics, VDD = 1.65-1.95V1
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT, at f=5 MHz,
VDD=VDD Max
Read
15
mA
CE#=VIL, OE#=WE#=VIH, all I/Os open
Program and Erase
20
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current2
20
µA
CE#=VDD, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.2VDD
VDD=VDD Min
VIH
Input High Voltage
0.8VDD
VVDD=VDD Max
VOL
Output Low Voltage
0.1
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.1
V
IOH=-100 µA, VDD=VDD Min
T8.0 1258
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25°C
(room temperature), and VDD = 1.8V. Not 100% tested.
2. 20 µA is the maximum ISB for all SST39WF800A commercial grade devices. 30 µA is the maximum ISB for all 39WF800A industrial
grade devices. For all SST39WF800A commercial and industrial devices, ISB typical is under 5 µA.
TABLE
9: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Program/Erase Operation
100
µs
T9.0 1258
TABLE 10: Capacitance (TA = 25°C, f=1 MHz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T10.0 1258
TABLE 11: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would result in a
higher minimum specification.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T11.0 1258


Similar Part No. - SST39W800A-90-4C-C2KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601-70-4C-B3KE SST-SST39WF1601-70-4C-B3KE Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601-70-4C-B3QE SST-SST39WF1601-70-4C-B3QE Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results

Similar Description - SST39W800A-90-4C-C2KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com