Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA3290PV-20AU Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATMEGA3290PV-20AU
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290PV-20AU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATMEGA3290PV-20AU Datasheet HTML 10Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 11Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 12Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 13Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 14Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 15Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 16Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 17Page - ATMEL Corporation ATMEGA3290PV-20AU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
8021AS–AVR–12/06
ATmega329P/3290P
Notes:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI
instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The
CBI and SBI instructions work with registers 0x00 to 0x1F only.
4. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O
Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The ATmega329P/3290P is
a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for
the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and
LD/LDS/LDD instructions can be used.
0x26 (0x46)
TCNT0
Timer/Counter0
109
0x25 (0x45)
Reserved
-
-
-
-
-
-
-
-
0x24 (0x44)
TCCR0A
FOC0A
WGM00
COM0A1
COM0A0
WGM01
CS02
CS01
CS00
107
0x23 (0x43)
GTCCR
TSM
-
-
-
-
-
PSR2
PSR10
111/158
0x22 (0x42)
EEARH
-
-
-
-
-
EEPROM Address Register High
23
0x21 (0x41)
EEARL
EEPROM Address Register Low
23
0x20 (0x40)
EEDR
EEPROM Data Register
23
0x1F (0x3F)
EECR
-
-
-
-
EERIE
EEMWE
EEWE
EERE
24
0x1E (0x3E)
GPIOR0
General Purpose I/O Register
27
0x1D (0x3D)
EIMSK
PCIE3
PCIE2
PCIE1
PCIE0
-
-
-INT0
61
0x1C (0x3C)
EIFR
PCIF3
PCIF2
PCIF1
PCIF0
-
-
-INTF0
62
0x1B (0x3B)
Reserved
-
-
-
-
-
-
-
-
0x1A (0x3A)
Reserved
-
-
-
-
-
-
-
-
0x19 (0x39)
Reserved
-
-
-
-
-
-
-
-
0x18 (0x38)
Reserved
-
-
-
-
-
-
-
-
0x17 (0x37)
TIFR2
-
-
-
-
-
-OCF2A
TOV2
158
0x16 (0x36)
TIFR1
-
-ICF1
-
-OCF1B
OCF1A
TOV1
139
0x15 (0x35)
TIFR0
-
-
-
-
-
-OCF0A
TOV0
110
0x14 (0x34)
PORTG
-
-
-
PORTG4
PORTG3
PORTG2
PORTG1
PORTG0
92
0x13 (0x33)
DDRG
-
-
-
DDG4
DDG3
DDG2
DDG1
DDG0
92
0x12 (0x32)
PING
-
-PING5
PING4
PING3
PING2
PING1
PING0
92
0x11 (0x31)
PORTF
PORTF7
PORTF6
PORTF5
PORTF4
PORTF3
PORTF2
PORTF1
PORTF0
92
0x10 (0x30)
DDRF
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
92
0x0F (0x2F)
PINFPINF7
PINF6
PINF5
PINF4
PINF3
PINF2
PINF1
PINF0
92
0x0E (0x2E)
PORTE
PORTE7
PORTE6
PORTE5
PORTE4
PORTE3
PORTE2
PORTE1
PORTE0
91
0x0D (0x2D)
DDRE
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
91
0x0C (0x2C)
PINEPINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
92
0x0B (0x2B)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
91
0x0A (0x2A)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
91
0x09 (0x29)
PINDPIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
91
0x08 (0x28)
PORTC
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
91
0x07 (0x27)
DDRC
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
91
0x06 (0x26)
PINCPINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
91
0x05 (0x25)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
90
0x04 (0x24)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
90
0x03 (0x23)
PINBPINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
90
0x02 (0x22)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
90
0x01 (0x21)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
90
0x00 (0x20)
PINAPINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
90
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA3290PV-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3290PV ATMEL-ATMEGA3290PV Datasheet
3Mb / 360P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA3290PV-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com