Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT14008 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT14008
Description  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT14008 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT14008 Datasheet HTML 1Page - Catalyst Semiconductor CAT14008 Datasheet HTML 2Page - Catalyst Semiconductor CAT14008 Datasheet HTML 3Page - Catalyst Semiconductor CAT14008 Datasheet HTML 4Page - Catalyst Semiconductor CAT14008 Datasheet HTML 5Page - Catalyst Semiconductor CAT14008 Datasheet HTML 6Page - Catalyst Semiconductor CAT14008 Datasheet HTML 7Page - Catalyst Semiconductor CAT14008 Datasheet HTML 8Page - Catalyst Semiconductor CAT14008 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT140xx
© 2006 Catalyst Semiconductor, Inc.
1
Doc. No. 1117 Rev. A
Characteristics subject to change without notice
Voltage Supervisor with I
2C Serial
CMOS EEPROM
FEATURES
Precision Power Supply Voltage Monitor
5V, 3.3V, 3V & 2.5V systems
7 threshold voltage options
Active High or Low Reset
Valid reset guaranteed at VCC = 1 V
Supports Standard and Fast I
2C Protocol
16-Byte Page Write Buffer
Low power CMOS technology
1,000,000 Program/Erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8-pin SOIC package
For Ordering Information details, see page 14.
PIN CONFIGURATION
DESCRIPTION
The CAT140xx (see table below) are memory and
supervisory solutions for microcontroller based systems. A
CMOS serial EEPROM memory and a system power
supervisor with brown-out protection are integrated
together. Memory interface is via both the standard
(100kHz) as well as fast (400kHz) I
2C protocol.
The CAT140xx provides a precision VCC sense circuit
with two reset output options: CMOS active low output
or CMOS active high. The RESET output is active
whenever VCC is below the reset threshold or falls
below the reset threshold voltage.
The power supply monitor and reset circuit protect
system controllers during power up/down and against
brownout conditions. Seven reset threshold voltages
support 5V, 3.3V, 3V and 2.5V systems. If power
supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller,
ASIC or peripherals from operating. Reset signals
become inactive typically 240ms after the supply
voltage exceeds the reset threshold level.
MEMORY SIZE SELECTOR
Product
Memory density
14002
2-Kbit
14004
4-Kbit
14008
8-Kbit
14016
16-Kbit
PIN FUNCTION
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data Input/Output
SCL
Serial Clock Input
RST/RST
¯¯¯¯
Reset Output
VCC
Power Supply
VSS
Ground
NC
No Connect
THRESHOLD SUFFIX SELECTOR
Nominal Threshold
Voltage
Threshold Suffix
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
8
7
6
5
VCC
RST/RST
SCL
SDA
NC /
NC / NC / NC / A0
CAT14016 / 08 / 04 / 02
SOIC (W)
NC / NC / A1 A1
1
2
3
4
A2 A2 A2
VSS
/
/
/


Similar Part No. - CAT14008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT14008 ONSEMI-CAT14008 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT140081JWI-GT3 ONSEMI-CAT140081JWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT140081LWI-GT3 ONSEMI-CAT140081LWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT140081MWI-GT3 ONSEMI-CAT140081MWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT140081RWI-GT3 ONSEMI-CAT140081RWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
More results

Similar Description - CAT14008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com