Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0104ED Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0104ED
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104ED Datasheet(HTML) 3 Page - Texas Instruments

  TXS0104ED Datasheet HTML 1Page - Texas Instruments TXS0104ED Datasheet HTML 2Page - Texas Instruments TXS0104ED Datasheet HTML 3Page - Texas Instruments TXS0104ED Datasheet HTML 4Page - Texas Instruments TXS0104ED Datasheet HTML 5Page - Texas Instruments TXS0104ED Datasheet HTML 6Page - Texas Instruments TXS0104ED Datasheet HTML 7Page - Texas Instruments TXS0104ED Datasheet HTML 8Page - Texas Instruments TXS0104ED Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1) (2)
TXS0104E
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES651B – JUNE 2006 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
–0.5
4.6
Supply voltage range
V
VCCB
–0.5
6.5
A port
–0.5
4.6
VI
Input voltage range(2)
V
B port
–0.5
6.5
A port
–0.5
4.6
Voltage range applied to any output
VO
V
in the high-impedance or power-off state(2)
B port
–0.5
6.5
A port
–0.5 VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)(3)
V
B port
–0.5 VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCCA, VCCB, or GND
±100
mA
D package(4)
86
PW package(4)
113
θ
JA
Package thermal impedance
°C/W
RGY package(5)
47
GXU/ZXU package(4)
128
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCCA and VCCB are provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
The package thermal impedance is calculated in accordance with JESD 51-5.
VCCA
VCCB
MIN
MAX
UNIT
VCCA
1.65
3.6
Supply voltage(3)
V
VCCB
2.3
5.5
1.65 V to 1.95 V
VCCI – 0.2
VCCI
A-port I/Os
2.3 V to 5.5 V
2.3 V to 3.6 V
VCCI – 0.4
VCCI
VIH
High-level input voltage
V
B-port I/Os
VCCI – 0.4
VCCI
1.65 V to 3.6 V
2.3 V to 5.5 V
OE input
VCCA × 0.65
5.5
A-port I/Os
0
0.15
VIL
Low-level input voltage
B-port I/Os
1.65 V to 3.6 V
2.3 V to 5.5 V
0
0.15
V
OE input
0
VCCA × 0.35
A-port I/Os,
push-pull
10
driving
Input transition
∆t/∆v
B-port I/Os,
1.65 V to 3.6 V
2.3 V to 5.5 V
ns/V
rise or fall rate
push-pull
10
driving
Control input
10
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the supply voltage associated with the input port.
(2)
VCCO is the supply voltage associated with the output port.
(3)
VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V.
3
Submit Documentation Feedback


Similar Part No. - TXS0104ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104ED TI-TXS0104ED Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
1Mb / 41P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0104ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI1-TXS0104E_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
REVISED AUGUST 2023
TXS0104E TI-TXS0104E_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com