Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U8803 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U8803
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8803 Datasheet(HTML) 2 Page - Unisonic Technologies

  U8803 Datasheet HTML 1Page - Unisonic Technologies U8803 Datasheet HTML 2Page - Unisonic Technologies U8803 Datasheet HTML 3Page - Unisonic Technologies U8803 Datasheet HTML 4Page - Unisonic Technologies U8803 Datasheet HTML 5Page - Unisonic Technologies U8803 Datasheet HTML 6Page - Unisonic Technologies U8803 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
U8803
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-094,A
PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
UTC
U8803
UOU1
NII 1
II 1
VREF
GND
TB
QTEST
TC1
CDS
TRIAC
RELAY
ZCD
VDD
II 2
NII 2
UOU2
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
UOU1
First stage OP amp output
2
NⅡ1
First stage OP amp positive input
3
Ⅱ1
First stage OP amp negative input
4
VREF
Reference voltage
5
GND
Ground
6
TB
Time base for System Clock. The periods TTb =(1±20%)RC/1.1
7
QTEST
Test
8
TCI
Timer clock generator. The periods TTci =(1±20%)RC/1.1
9
CDS
CDS detect, inhibitory output in the daytime.
10
TRIAC
TRIAC output, active low
11
RELAY
RELAY output, active high
12
ZCD
Detect zero cross of AC line, synchronously
pin TRIAC
13
VDD
Power supply
14
2
Second stage OP amp negative input
15
N
2
Second stage OP amp positive input
16
UOU2
Second stage OP amp output


Similar Part No. - U8803

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U880B TEMIC-U880B Datasheet
37Kb / 4P
   Double Flasher
More results

Similar Description - U8803

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT8803 UTC-UT8803 Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
M3000 UTC-M3000 Datasheet
179Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
M3000 UTC-M3000_15 Datasheet
179Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
UT8803 UTC-UT8803_15 Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
TC8889B FUMAN-TC8889B Datasheet
607Kb / 12P
   Infrared remote control transmitting circuit
logo
NTE Electronics
NTE1761 NTE-NTE1761 Datasheet
26Kb / 3P
   Integrated Circuit Infrared Remote Control Preamp
logo
SHENZHEN FUMAN ELECTRON...
TC8886B FUMAN-TC8886B Datasheet
621Kb / 12P
   24Pin infrared remote control transmitting circuit
logo
List of Unclassifed Man...
M7613 ETC1-M7613 Datasheet
68Kb / 7P
   DC PIR CONTROLLER WITH REMOTE CONTROL
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com