Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT244CD Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT244CD
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT244CD Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT244CD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT244CD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT244CD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT244CD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT244CD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT244CD Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MILITARYANDCOMMERCIALTEMPERATURERANGES
IDT54/74FCT244/A/C
FASTCMOSOCTALBUFFER/LINEDRIVER
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC - 0.2V
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
VIN
≥ VHC; VIN ≤ VLC
—0.2
1.5
mA
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
—0.5
2
mA
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
Outputs Open
OEA = OEB = GND
One Input Toggling
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
0.15
0.25
mA/
MHz
IC
Total Power Supply Current (6)
VCC = Max.
Outputs Open
fi = 10MHz
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
(FCT)
—1.7
4
mA
OEA = OEB = GND
One Bit Toggling
VIN = 3.4V
VIN = GND
—2
5
VCC = Max.
Outputs Open
fi = 2.5MHz
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
(FCT)
—3.2
6.5(5)
OEA = OEB = GND
Eight Bits Toggling
VIN = 3.4V
VIN = GND
5.2
14.5(5)
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE (1,2)
54/74FCT244
54/74FCT244A
54/74FCT244C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition
Min.
Max. Min.
Max. Min.
Max. Min.
Max. Min.
Max. Min.
Max.
Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
1.5
6.5
1.5
7
1.5
4.8
1.5
5.1
1.5
4.1
1.5
4.6
ns
tPZH
tPZL
Output Enable Time
1.5
8
1.5
8.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
7
1.5
7.5
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns
NOTES:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.


Similar Part No. - IDT74FCT244CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT244CD IDT-IDT74FCT244CD Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244CDB IDT-IDT74FCT244CDB Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT244CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com