Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA3290PV Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATMEGA3290PV
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290PV Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATMEGA3290PV Datasheet HTML 12Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 13Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 14Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 15Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 16Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 17Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 18Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 19Page - ATMEL Corporation ATMEGA3290PV Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
8021AS–AVR–12/06
ATmega329P/3290P
BRVC
k
Branch if Overflow Flag is Cleared
if (V = 0) then PC
← PC + k + 1
None
1/2
BRIE
k
Branch if Interrupt Enabled
if ( I = 1) then PC
← PC + k + 1
None
1/2
BRID
k
Branch if Interrupt Disabled
if ( I = 0) then PC
← PC + k + 1
None
1/2
BIT AND BIT-TEST INSTRUCTIONS
SBI
P,b
Set Bit in I/O Register
I/O(P,b)
← 1
None
2
CBI
P,b
Clear Bit in I/O Register
I/O(P,b)
← 0
None
2
LSL
Rd
Logical Shift Left
Rd(n+1)
← Rd(n), Rd(0) ← 0
Z,C,N,V
1
LSR
Rd
Logical Shift Right
Rd(n)
← Rd(n+1), Rd(7) ← 0
Z,C,N,V
1
ROL
Rd
Rotate Left Through Carry
Rd(0)
←C,Rd(n+1)← Rd(n),C←Rd(7)
Z,C,N,V
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
←C,Rd(n)← Rd(n+1),C←Rd(0)
Z,C,N,V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
← Rd(n+1), n=0..6
Z,C,N,V
1
SWAP
Rd
Swap Nibbles
Rd(3..0)
←Rd(7..4),Rd(7..4)←Rd(3..0)
None
1
BSET
s
Flag Set
SREG(s)
← 1
SREG(s)
1
BCLR
s
Flag Clear
SREG(s)
← 0
SREG(s)
1
BST
Rr, b
Bit Store from Register to T
T
← Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
← T
None
1
SEC
Set Carry
C
← 1C
1
CLC
Clear Carry
C
← 0
C
1
SEN
Set Negative Flag
N
← 1
N
1
CLN
Clear Negative Flag
N
← 0
N
1
SEZ
Set Zero Flag
Z
← 1Z
1
CLZ
Clear Zero Flag
Z
← 0
Z
1
SEI
Global Interrupt Enable
I
← 1I
1
CLI
Global Interrupt Disable
I
← 0
I
1
SES
Set Signed Test Flag
S
← 1S
1
CLS
Clear Signed Test Flag
S
← 0
S
1
SEV
Set Twos Complement Overflow.
V
← 1V
1
CLV
Clear Twos Complement Overflow
V
← 0
V
1
SET
Set T in SREG
T
← 1T
1
CLT
Clear T in SREG
T
← 0
T
1
SEH
Set Half Carry Flag in SREG
H
← 1H
1
CLH
Clear Half Carry Flag in SREG
H
← 0
H
1
DATA TRANSFER INSTRUCTIONS
MOV
Rd, Rr
Move Between Registers
Rd
← Rr
None
1
MOVW
Rd, Rr
Copy Register Word
Rd+1:Rd
← Rr+1:Rr
None
1
LDI
Rd, K
Load Immediate
Rd
← K
None
1
LD
Rd, X
Load Indirect
Rd
← (X)
None
2
LD
Rd, X+
Load Indirect and Post-Inc.
Rd
← (X), X ← X + 1
None
2
LD
Rd, - X
Load Indirect and Pre-Dec.
X
← X - 1, Rd ← (X)
None
2
LD
Rd, Y
Load Indirect
Rd
← (Y)
None
2
LD
Rd, Y+
Load Indirect and Post-Inc.
Rd
← (Y), Y ← Y + 1
None
2
LD
Rd, - Y
Load Indirect and Pre-Dec.
Y
← Y - 1, Rd ← (Y)
None
2
LDD
Rd,Y+q
Load Indirect with Displacement
Rd
← (Y + q)
None
2
LD
Rd, Z
Load Indirect
Rd
← (Z)
None
2
LD
Rd, Z+
Load Indirect and Post-Inc.
Rd
← (Z), Z ← Z+1
None
2
LD
Rd, -Z
Load Indirect and Pre-Dec.
Z
← Z - 1, Rd ← (Z)
None
2
LDD
Rd, Z+q
Load Indirect with Displacement
Rd
← (Z + q)
None
2
LDS
Rd, k
Load Direct from SRAM
Rd
← (k)
None
2
ST
X, Rr
Store Indirect
(X)
← Rr
None
2
ST
X+, Rr
Store Indirect and Post-Inc.
(X)
← Rr, X ← X + 1
None
2
ST
- X, Rr
Store Indirect and Pre-Dec.
X
← X - 1, (X) ← Rr
None
2
ST
Y, Rr
Store Indirect
(Y)
← Rr
None
2
ST
Y+, Rr
Store Indirect and Post-Inc.
(Y)
← Rr, Y ← Y + 1
None
2
ST
- Y, Rr
Store Indirect and Pre-Dec.
Y
← Y - 1, (Y) ← Rr
None
2
STD
Y+q,Rr
Store Indirect with Displacement
(Y + q)
← Rr
None
2
ST
Z, Rr
Store Indirect
(Z)
← Rr
None
2
ST
Z+, Rr
Store Indirect and Post-Inc.
(Z)
← Rr, Z ← Z + 1
None
2
ST
-Z, Rr
Store Indirect and Pre-Dec.
Z
← Z - 1, (Z) ← Rr
None
2
STD
Z+q,Rr
Store Indirect with Displacement
(Z + q)
← Rr
None
2
STS
k, Rr
Store Direct to SRAM
(k)
← Rr
None
2
LPM
Load Program Memory
R0
← (Z)
None
3
LPM
Rd, Z
Load Program Memory
Rd
← (Z)
None
3
LPM
Rd, Z+
Load Program Memory and Post-Inc
Rd
← (Z), Z ← Z+1
None
3
SPM
Store Program Memory
(Z)
← R1:R0
None
-
IN
Rd, P
In Port
Rd
← P
None
1
OUT
P, Rr
Out Port
P
← Rr
None
1
Mnemonics
Operands
Description
Operation
Flags
#Clocks


Similar Part No. - ATMEGA3290PV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3290PV ATMEL-ATMEGA3290PV Datasheet
3Mb / 360P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA3290PV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com