Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA3290P Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 14Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 15Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 16Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 17Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 18Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 19Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 20Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 21Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
8021AS–AVR–12/06
ATmega329P/3290P
7.
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. V
CC see Figure 26-1 on page 330 and Figure 26-2 on page 330.
7.1
ATmega329P
Speed (MHz)(3)
Power Supply
Ordering Code(2)
Package Type(1)
Operational Range
10
1.8 - 5.5V
ATmega329PV-10AU
ATmega329PV-10MU
64A
64M1
Industrial
(-4
0
°C to 85°C)
20
2.7 - 5.5V
ATmega329P-20AU
ATmega329P-20MU
64A
64M1
Industrial
(-4
0
°C to 85°C)
Package Type
64A
64-lead, 14 x 14 x 1.0 mm, Thin Profile Plastic Quad Flat Package (TQFP)
64M1
64-pad, 9 x 9 x 1.0 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)


Similar Part No. - ATMEGA3290P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3290P ATMEL-ATMEGA3290P Datasheet
3Mb / 360P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA3290P ATMEL-ATMEGA3290P Datasheet
462Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA3290P ATMEL-ATMEGA3290P Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega3290P ATMEL-ATmega3290P Datasheet
513Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega3290P ATMEL-ATmega3290P Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA3290P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com