Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT244D Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT244D
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT244D Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT244D Datasheet HTML 1Page - Integrated Device Technology IDT74FCT244D Datasheet HTML 2Page - Integrated Device Technology IDT74FCT244D Datasheet HTML 3Page - Integrated Device Technology IDT74FCT244D Datasheet HTML 4Page - Integrated Device Technology IDT74FCT244D Datasheet HTML 5Page - Integrated Device Technology IDT74FCT244D Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
IDT54/74FCT244/A/C
FASTCMOSOCTALBUFFER/LINEDRIVER
MILITARYANDCOMMERCIALTEMPERATURERANGES
JUNE 2000
1999
Integrated Device Technology, Inc.
DSC-5420/-
c
IDT54/74FCT244/A/C
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FAST CMOS OCTAL
BUFFER/LINE DRIVER
DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced dual metal
CMOStechnology.The FCT244isdesignedtobeemployedasamemoryand
address driver, clock driver, and bus-oriented transmitter/receiver which
provides improved board density.
FUNCTIONAL BLOCK DIAGRAM
OEB
OA0
DB0
OA1
DB1
OA2
DB2
OA3
DB3
OB0
DA1
OB1
DA2
OB2
DA3
OB3
DA0
OEA
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
FEATURES:
− IDT54/74FCT244A equivalent to FAST™ speed and drive
− IDT54/74FCT244A 25% faster than FAST
− IDT54/74FCT244C up to 55% faster than FAST
− IOL = 64mA (commercial) and 48mA (military)
− CMOS power levels (1mW typ. static)
− Military product compliant to MIL-STD-883, Class B
− Meets or exceeds JEDEC Standard 18 specifications
− Available in the following packages:
Commercial: SOIC
Military: CERDIP, LCC, CERPACK


Similar Part No. - IDT74FCT244D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT244D IDT-IDT74FCT244D Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244D IDT-IDT74FCT244D Datasheet
100Kb / 6P
   3.3V CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244DB IDT-IDT74FCT244DB Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244DB IDT-IDT74FCT244DB Datasheet
100Kb / 6P
   3.3V CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244DT IDT-IDT74FCT244DT Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
More results

Similar Description - IDT74FCT244D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com