Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA320A Datasheet(PDF) 4 Page - Microchip Technology

Part # 25AA320A
Description  32K SPI Bus Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA320A Datasheet(HTML) 4 Page - Microchip Technology

  25AA320A Datasheet HTML 1Page - Microchip Technology 25AA320A Datasheet HTML 2Page - Microchip Technology 25AA320A Datasheet HTML 3Page - Microchip Technology 25AA320A Datasheet HTML 4Page - Microchip Technology 25AA320A Datasheet HTML 5Page - Microchip Technology 25AA320A Datasheet HTML 6Page - Microchip Technology 25AA320A Datasheet HTML 7Page - Microchip Technology 25AA320A Datasheet HTML 8Page - Microchip Technology 25AA320A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
25AA320A/25LC320A
DS21828C-page 4
© 2007 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
17
THH
HOLD Hold Time
20
40
80
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
1.8V
≤ Vcc < 2.5V
18
THZ
HOLD Low to Output
High-Z
30
60
160
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V(Note 1)
2.5V
≤ Vcc < 4.5V(Note 1)
1.8V
≤ Vcc < 2.5V(Note 1)
19
THV
HOLD High to Output
Valid
30
60
160
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
1.8V
≤ Vcc < 2.5V
20
TWC
Internal Write Cycle Time
5
ms
(NOTE 2)
21
Endurance
1M
E/W
Cycles
(NOTE 3)
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E):
TA = -40°C to +125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is
complete.
3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from our web site:
www.microchip.com.
AC Waveform:
VLO = 0.2V
VHI = VCC - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
CL = 50 pF
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
≤ 4.0V
2: For VCC > 4.0V


Similar Part No. - 25AA320A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA320A MICROCHIP-25AA320A Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320A MICROCHIP-25AA320A Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25AA320A-E/MNY MICROCHIP-25AA320A-E/MNY Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25AA320A-E/MS MICROCHIP-25AA320A-E/MS Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320A-E/MS MICROCHIP-25AA320A-E/MS Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
More results

Similar Description - 25AA320A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
   32K SPI Bus Serial EEPROM
2004
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25C320 MICROCHIP-25C320 Datasheet
284Kb / 24P
   32K SPI Bus Serial EEPROM
07/12/04
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
   32K 2.5V SPI Bus Serial EEPROM
1996
25C320 MICROCHIP-25C320 Datasheet
86Kb / 12P
   32K 5.0V SPI Bus Serial EEPROM
2004
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com