Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSML1030 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSML1030
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1030 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSML1030 Datasheet HTML 1Page - Vishay Siliconix TSML1030 Datasheet HTML 2Page - Vishay Siliconix TSML1030 Datasheet HTML 3Page - Vishay Siliconix TSML1030 Datasheet HTML 4Page - Vishay Siliconix TSML1030 Datasheet HTML 5Page - Vishay Siliconix TSML1030 Datasheet HTML 6Page - Vishay Siliconix TSML1030 Datasheet HTML 7Page - Vishay Siliconix TSML1030 Datasheet HTML 8Page - Vishay Siliconix TSML1030 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VISHAY
TSML1000 / 1020 / 1030 / 1040
Document Number 81033
Rev. 1.8, 08-Mar-05
Vishay Semiconductors
www.vishay.com
3
Figure 5. Relative Forward Voltage vs. Ambient Temperature
Figure 6. Radiant Intensity vs. Forward Current
Figure 7. Radiant Power vs. Forward Current
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
IF =10mA
Tamb - Ambient Temperature (
°C)
100
80
60
40
20
0
16189
10 3
10 1
10 2
10 4
10 0
0.1
1
10
1000
100
IF - Forward Current ( mA )
IF - Forward Current ( mA )
13602
10 3
10 1
10 2
10 4
10 0
0.1
1
10
1000
100
Figure 8. Rel. Radiant Intensity/Power vs. Ambient Temperature
Figure 9. Relative Radiant Power vs. Wavelength
Figure 10. Relative Radiant Intensity vs. Angular Displacement
-10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF =20mA
Tamb - Ambient Temperature (
°C)
900
950
0
0.25
0.5
0.75
1.0
1.25
- Wavelength ( nm )
1000
94 7994
IF = 100 mA
λ
0.4
0.2
0
0.2
0.4
0.6
18234
0.6
0.9
0.8
0
°
°
°
30
°
10
20
40
°
50
°
60
°
70
°
80
°
0.7
1.0


Similar Part No. - TSML1030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML1030 VISHAY-TSML1030 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSML1030 VISHAY-TSML1030 Datasheet
199Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.0, 30-Jun-11
TSML1030 VISHAY-TSML1030 Datasheet
365Kb / 9P
   Extented Power IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSML1030 VISHAY-TSML1030 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1030 VISHAY-TSML1030 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results

Similar Description - TSML1030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML3710-GS08 VISHAY-TSML3710-GS08 Datasheet
135Kb / 8P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.6, 21-Feb-07
TSAL5100 VISHAY-TSAL5100 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.3, 08-Mar-05
TSAL5300 VISHAY-TSAL5300 Datasheet
291Kb / 8P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.7, 08-Mar-05
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com