Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1VF48C Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS470R1VF48C
Description  16/32-BIT RISC FLASH MICROCONTROLLERS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VF48C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS470R1VF48C Datasheet HTML 2Page - Texas Instruments TMS470R1VF48C Datasheet HTML 3Page - Texas Instruments TMS470R1VF48C Datasheet HTML 4Page - Texas Instruments TMS470R1VF48C Datasheet HTML 5Page - Texas Instruments TMS470R1VF48C Datasheet HTML 6Page - Texas Instruments TMS470R1VF48C Datasheet HTML 7Page - Texas Instruments TMS470R1VF48C Datasheet HTML 8Page - Texas Instruments TMS470R1VF48C Datasheet HTML 9Page - Texas Instruments TMS470R1VF48C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
TMS470R1VF48C/VF48B
16/32-BIT RISC FLASH MICROCONTROLLERS
SPNS093D – MAY 2004 – REVISED FEBRUARY 2006
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
device characteristics
The VF48x device is a derivative of the F05 system emulation device SE470R1VB8AD. Table 1 identifies all
the characteristics of the VF48x device except the SYSTEM and CPU, which are generic.
Table 1. Device Characteristics
CHARACTERISTICS
DEVICE DESCRIPTION
TMS470R1VF48X
COMMENTS FOR VF48X
MEMORY
For the number of memory selects on this device, see the Memory Selection Assignment table (Table 2).
INTERNAL
MEMORY
Pipeline/Non-Pipeline
1M-Byte flash (VF48C only)
768K-byte flash (VF48B only)
64K-Byte SRAM (VF48C only)
48K-byte SRAM (VF48B only)
Memory Security Module (MSM)
JTAG Security Module
Flash is pipeline-capable.
The VF48C RAM is implemented in one 64K array selected by two
memory-select signals (see the Memory Selection Assignment table,
Table 2).
The VF48B RAM is implemented in one 48K array selected by two
memory-select signals (see the Memory Selection Assignment table,
Table 2).
PERIPHERALS
For the device-specific interrupt priority configurations, see the Interrupt Priority Table (Table 5). And for the 1K peripheral address ranges and
their peripheral selects, see the VF48x Peripherals, System Module, and Flash Base Addresses table (Table 3).
CLOCK
FMZPLL
Frequency-modulated zero-pin PLL has no external loop filter pins.
Expansion Bus
EBM
Expansion bus module with 42 pins. Supports 8- and 16-bit memories.
See Table 6 for details.
GENERAL-PURPOSE
I/Os
46 I/O
Port A has 8 external pins, Port B has only 1 external pin, Port C has 5
external pins, Port D has 6 external pins, Ports E, F, and G each have
8 external pins, and Port H has 2 external pins.
ECP
YES
SCI
3 (3-pin)
CAN
(HECC and/or SCC)
2 HECC
Two high-end CAN controllers
SPI
(5-pin, 4-pin or 3-pin)
2 (5-pin)
I2C
5
HET with
XOR Share
12 I/O
The high-resolution (HR) SHARE feature allows even-numbered HR
pins to share the next higher odd-numbered HR pin structures. This HR
sharing is independent of whether or not the odd pin is available
externally. If an odd pin is available externally and shared, then the odd
pin can only be used as a general-purpose I/O. For more information on
HR SHARE, see theTMS470R1x High-End Timer (HET) Reference
Guide (literature number SPNU199).
HET RAM
64-Instruction Capacity
MibADC
10-bit, 12-channel
64-word FIFO
Both the logic and registers for a full 16-channel MibADC are present.
CORE VOLTAGE
1.8 V
I/O VOLTAGE
3.3 V
PINS
144
PACKAGES
PGE


Similar Part No. - TMS470R1VF48C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF448 TI-TMS470R1VF448 Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF448PZA TI-TMS470R1VF448PZA Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF448PZQ TI-TMS470R1VF448PZQ Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF448PZT TI-TMS470R1VF448PZT Datasheet
819Kb / 60P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF45AA TI1-TMS470R1VF45AA Datasheet
786Kb / 59P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Similar Description - TMS470R1VF48C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com