Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND01G-B2B Datasheet(PDF) 33 Page - STMicroelectronics

Part # NAND01G-B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B2B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button NAND01G-B2B Datasheet HTML 29Page - STMicroelectronics NAND01G-B2B Datasheet HTML 30Page - STMicroelectronics NAND01G-B2B Datasheet HTML 31Page - STMicroelectronics NAND01G-B2B Datasheet HTML 32Page - STMicroelectronics NAND01G-B2B Datasheet HTML 33Page - STMicroelectronics NAND01G-B2B Datasheet HTML 34Page - STMicroelectronics NAND01G-B2B Datasheet HTML 35Page - STMicroelectronics NAND01G-B2B Datasheet HTML 36Page - STMicroelectronics NAND01G-B2B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Device operations
33/62
6.9
Read Electronic Signature
The device contains a Manufacturer Code and Device Code. To read these codes three steps
are required:
1.
one Bus Write cycle to issue the Read Electronic Signature command (90h)
2.
one Bus Write cycle to input the address (00h)
3.
four Bus Read Cycles to sequentially output the data (as shown in Table 14: Electronic
Signature).
Table 14.
Electronic Signature
Part Number
Byte/Word 1
Byte/Word 2
Byte/Word 3
(see Table 15)
Byte/Word 4
(see Table 16)
Manufacturer
Code
Device code
NAND01GR3B2B
20h
A1h
80h
15h
NAND01GW3B2B
F1h
1Dh
NAND01GR4B2B
0020h
B1h
55h
NAND01GW4B2B
C1h
5Dh
NAND02GR3B2C
20h
AAh
15h
NAND02GW3B2C
DAh
1Dh
NAND02GR4B2C
0020h
BAh
55h
NAND02GW42C
CAh
5Dh
Table 15.
Electronic Signature Byte 3
I/O
Definition
Value
Description
I/O1-I/O0
Internal Chip number
0 0
0 1
1 0
1 1
1
2
4
8
I/O3-I/O2
Cell Type
0 0
0 1
1 0
1 1
2-level cell
4-level cell
8-level cell
16-level cell
I/O5-I/O4
Number of simultaneously
programmed pages
0 0
0 1
1 0
1 1
1
2
4
8
I/O6
Interleaved Programming
between multiple devices
0
1
Not supported
Supported
I/O7
Cache Program
0
1
Not supported
Supported


Similar Part No. - NAND01G-B2B

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results

Similar Description - NAND01G-B2B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com