Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A3969 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part No. A3969
Description  Dual Full-Bridge PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A3969 Datasheet(HTML) 3 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Dual Full-Bridge PWM Motor Driver
A3969
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
R2S
R1S
REF
VCC
PH1
VBB
OUT 1A
OUT1B
V BB
RC
RT
CT
Dwg. FP-036-7
UVLO
& TSD
BLANKING
GATE
Q
R
S
PWM LATCH
+
CURRENT-SENSE
COMPARATOR
EN1
OSC
PH2
GND
UVLO
& TSD
BLANKING
GATE
Q
R
S
PWM LATCH
+
CURRENT-SENSE
COMPARATOR
EN2
OUT2A
OUT2B
SENSE
2
SENSE
1
2
2
2
1
1
1
÷4
Functional Block Diagram
21
20
19
18
17
16
15
OUT1B
NC
SENSE1
NC
GND
1
2
3
4
5
6
7
NC
SENSE2
NC
GND
NC
EN1
EN2
PH1
PH2
LOGIC
LOGIC
VBB
Pin-out Diagram


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn