Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1635H-600I-TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # T1635H-600I-TR
Description  Snubberless TM high temperature 16 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635H-600I-TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button T1635H-600I-TR Datasheet HTML 2Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 3Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 4Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 5Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 6Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 7Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 8Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 9Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
T1635H Series
8/10
Figure 14.
D2PAK Footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
D2PAK Mechanical data
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - T1635H-600I-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-6G STMICROELECTRONICS-T1635H-6G Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6G-TR STMICROELECTRONICS-T1635H-6G-TR Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6I STMICROELECTRONICS-T1635H-6I Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6T STMICROELECTRONICS-T1635H-6T Datasheet
136Kb / 10P
   High temperature 16 A Triacs
More results

Similar Description - T1635H-600I-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
   Snubberless??high temperature 20 A Triacs
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com