Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1635H-600I-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # T1635H-600I-TR
Description  Snubberless TM high temperature 16 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635H-600I-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button T1635H-600I-TR Datasheet HTML 2Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 3Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 4Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 5Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 6Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 7Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 8Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 9Page - STMicroelectronics T1635H-600I-TR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
T1635H Series
Package information
7/10
3
Package information
Table 5.
TO-220AB and TO-220AB Insulated dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M


Similar Part No. - T1635H-600I-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-6G STMICROELECTRONICS-T1635H-6G Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6G-TR STMICROELECTRONICS-T1635H-6G-TR Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6I STMICROELECTRONICS-T1635H-6I Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6T STMICROELECTRONICS-T1635H-6T Datasheet
136Kb / 10P
   High temperature 16 A Triacs
More results

Similar Description - T1635H-600I-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
   Snubberless??high temperature 20 A Triacs
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com