Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TU24C04BP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TU24C04BP
Description  CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TU24C04BP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TU24C04BP Datasheet HTML 1Page - List of Unclassifed Manufacturers TU24C04BP Datasheet HTML 2Page - List of Unclassifed Manufacturers TU24C04BP Datasheet HTML 3Page - List of Unclassifed Manufacturers TU24C04BP Datasheet HTML 4Page - List of Unclassifed Manufacturers TU24C04BP Datasheet HTML 5Page - List of Unclassifed Manufacturers TU24C04BP Datasheet HTML 6Page - List of Unclassifed Manufacturers TU24C04BP Datasheet HTML 7Page - List of Unclassifed Manufacturers TU24C04BP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMOS I²C 2-WIRE BUS
4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM
512 X 8 BIT EEPROM
Turbo IC, Inc.
24C04
PRODUCT INTRODUCTION
PIN DESCRIPTION
DESCRIPTION:
The Turbo IC 24C04 is a serial 4K EEPROM fabricated with
Turbo’s proprietary, high reliability, high performance CMOS
technology. It’s 4K of memory is organized as 512 x 8 bits.
The memory is configured as 32 pages with each page con-
taining 16 bytes. This device offers significant advantages
in low power applications.
The Turbo IC 24C04 uses the I²C addressing protocol and
2-wire serial interface which includes a bidirectional serial
data bus synchronized by a clock. It offers a flexible byte
write and a faster 16-byte page write.
The Turbo IC 24C04 is assembled in either a 8-pin PDIP or
8-pin SOIC package. Pin #1 is not connected (NC). Pin #2
is the A1 device address input for the 24C04. Pin #3 is the
A2 device address input for the 24C04, such that a total of
four 24C04 devices can be connected on a single bus. Pin
#4 is the ground (Vss). Pin #5 is the serial data (SDA) pin
used for bidirectional transfer of data. Pin #6 is the serial
clock (SCL) input pin. Pin #7 is the write protect (WP) pin
used to protect hardware data. Pin #8 is the power supply
(Vcc) pin.
All data is serially transmitted in bytes (8 bits) on the SDA
bus. To access the Turbo IC 24C04 (slave) for a read or
write operation, the controller (master) issues a start condi-
tion by pulling SDA from high to low while SCL is high. The
master then issues the device address byte which consists
of 1010 (A2) (A1) (B8) (R/W).The most significant bits (1010)
are a device type code signifying an EEPROM device. A1
and A2 are the device address select bits which has to match
the A1 and A2 pin inputs on the 24C04 device. The B[8] bit
is the most significant bit of the memory address. The read/
write bit determines whether to do a read or write operation.
After each byte is transmitted, the receiver has to provide
an acknowledge by pulling the SDA bus low on the ninth
clock cycle. The acknowledge is a handshake signal to the
transmitter indicating a successful data transmission.
FEATURES :
• Power Supply Voltage
Single Vcc for Read and Programming
(Vcc = 2.7 V to 5.5 V)
• Low Power (Isb = 2µa @ 5.5 V)
• I²C Bus, 2-Wire Serial Interface
• Support Byte Write and Page Write (16 Bytes)
• Automatic Page write Operation (maximum 10 ms)
Internal Control Timer
Internal Data Latches for 16 Bytes
• High Reliability CMOS Technology with EEPROM Cell
Endurance : 1,000,000 Cycles
Data Retention : 100 Y
ears
1
SERIAL CLOCK (SCL)
The SCL input synchronizes the data on the SDA
bus. It is used in conjunction with SDA to define
the start and stop conditions. It is also used in
conjunction with SDA to transfer data to and from
the Turbo IC 24C04.
SERIAL DATA (SDA)
SDA is a bidirectional pin used to transfer data
in and out of the Turbo IC 24C04. The pin is an
open-drain output. A pullup resistor must be con-
nected from SDA to Vcc.
PIN DESCRIPTION
DEVICE ADDRESS (A1 & A2)
A1 and A2 are device address inputs that en-
ables a total of four 24C04 devices to connect
on a single bus. When the address input pin is
left unconnected, it is interpreted as zero.
WRITE PROTECT (WP)
When the write protect input is connected to Vcc,
the entire memory array is protected against write
operations. For normal write operations, the write
protect pin should be grounded. When the pin is
left unconnected, WP is interpreted as zero.
1
2
3
4
5
6
7
8
NC
A1
A2
GND
VCC
WP
SCL
SDA
8 pin PDIP
1
2
3
4
5
6
7
8
NC
A1
A2
GND
VCC
WP
SCL
SDA
8 pin SOIC


Similar Part No. - TU24C04BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TU24C64CP2 ETC-TU24C64CP2 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
TU24C64CP3 ETC-TU24C64CP3 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
TU24C64CS2 ETC-TU24C64CS2 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
TU24C64CS3 ETC-TU24C64CS3 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
More results

Similar Description - TU24C04BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C128 ETC1-24C128 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
24C01 ETC1-24C01 Datasheet
45Kb / 8P
   CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
24C64 ETC-24C64 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
24C08 ETC1-24C08 Datasheet
45Kb / 8P
   CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
   8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
   2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com