Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC132A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74LVC132A
Description  Quad 2-input NAND Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC132A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC132A Datasheet HTML 1Page - NXP Semiconductors 74LVC132A Datasheet HTML 2Page - NXP Semiconductors 74LVC132A Datasheet HTML 3Page - NXP Semiconductors 74LVC132A Datasheet HTML 4Page - NXP Semiconductors 74LVC132A Datasheet HTML 5Page - NXP Semiconductors 74LVC132A Datasheet HTML 6Page - NXP Semiconductors 74LVC132A Datasheet HTML 7Page - NXP Semiconductors 74LVC132A Datasheet HTML 8Page - NXP Semiconductors 74LVC132A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVC132A_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 December 2006
3 of 15
NXP Semiconductors
74LVC132A
Quad 2-input NAND Schmitt trigger
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
74LVC132A
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aaf590
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aaf591
74LVC132A
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
GND(1)
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1B
2
data input
1Y
3
data output
2A
4
data input
2B
5
data input
2Y
6
data output
GND
7
ground (0 V)
3Y
8
data output
3A
9
data input
3B
10
data input
4Y
11
data output
4A
12
data input
4B
13
data input
VCC
14
supply voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74ALVC132 Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  Fairchild Semiconductor
74LCX38 Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
RD74LVC00B Quad 2-input NAND Gates 1  2  3  4  5  More Renesas Technology Corp
IN74AC132 Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.
54F00 Quad 2-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)
HD74LVC2G00 Dual 2-Input NAND Gate 1  2  3  4  5  More Renesas Technology Corp
TC74HC08AP QUAD 2-INPUT AND GATE 1  2  3  4  5  More Toshiba Semiconductor
74VHC32 Quad 2-Input OR Gate 1  2  3  4  5  More Fairchild Semiconductor
CD74AC257 Quad 2-Input Multiplexer with Three-State Outputs Coming Soon Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn