Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56800FMD Datasheet(PDF) 11 Page - Motorola, Inc

Part # DSP56800FMD
Description  Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56800FMD Datasheet(HTML) 11 Page - Motorola, Inc

Back Button DSP56800FMD Datasheet HTML 7Page - Motorola, Inc DSP56800FMD Datasheet HTML 8Page - Motorola, Inc DSP56800FMD Datasheet HTML 9Page - Motorola, Inc DSP56800FMD Datasheet HTML 10Page - Motorola, Inc DSP56800FMD Datasheet HTML 11Page - Motorola, Inc DSP56800FMD Datasheet HTML 12Page - Motorola, Inc DSP56800FMD Datasheet HTML 13Page - Motorola, Inc DSP56800FMD Datasheet HTML 14Page - Motorola, Inc DSP56800FMD Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Introduction
DSP56F826 Preliminary Technical Data
11
RESET
45
Input
Reset—This input is a direct hardware reset on the processor. When RESET
is asserted low, the DSP is initialized and placed in the Reset state. A Schmitt
trigger input is used for noise immunity. When the RESET pin is deasserted,
the initial chip operating mode is latched from the external boot pin. The
internal reset signal will be deasserted synchronous with the internal clocks,
after a fixed number of internal clocks.
To ensure complete hardware reset, RESET and TRST should be asserted
together. The only exception occurs in a debugging environment when a
hardware DSP reset is required and it is necessary not to reset the OnCE/
JTAG module. In this case, assert RESET, but do not assert TRST.
RXD0
MOSI0
96
Input
Input/
Output
Receive Data (RXD0)— receive data input
SPI Master Out/Slave In—This serial data pin is an output from a master
device, and an input to a slave device. The master device places data on the
MOSI line one half-cycle before the clock edge the slave device uses to latch
the data.
After reset, the default state is SCI input.
RXD1
SS0
92
Input
Input
Receive Data (RXD1)— receive data input
SPI Slave Select—In maste mode, this pin is used to arbitrate multiple
masters. In slave mode, this pin is used to select the slave.
After reset, the default state is SCI input.
SCLK
GPIOF4
84
Input/Output
Input/Output
SPI Serial Clock—In master mode, this pin serves as an output, clocking
slaved listeners. In slave mode, this pin serves as the data clock input.
Port F GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
After reset, the default state is SCLK.
SRCK
GPIOC2
53
Input/Output
Input/Output
SSI Serial Receive Clock (STCK)—This bidirectional pin provides the
serial bit rate clock for the Receive section of the SSI. The clock signal can
be continuous or gated and can be used by both the transmitter and receiver
in synchronous mode.
Port C GPIO—This is a General Purpose I/O (GPIO) pin with the capability
of being individually programmed as input or output.
After reset, the default state is GPIO input.
Table 3. DSP56F826 Signal and Package Information for the 100 Pin LQFP
All inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are always enabled.
Exceptions:
1.
When a pn is owned by GPIO, then the pull-up may be disabled under software control.
2.
TCK has a weak pull-down circuit always active.
Signal
Name
Pin No.
Type
Description


Similar Part No. - DSP56800FMD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56800FM MOTOROLA-DSP56800FM Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56800FM MOTOROLA-DSP56800FM Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
DSP56800FM/D MOTOROLA-DSP56800FM/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
DSP56800FM/D MOTOROLA-DSP56800FM/D Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
More results

Similar Description - DSP56800FMD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com