Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F826 Datasheet(PDF) 1 Page - Motorola, Inc

Part # DSP56F826
Description  Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56F826 Datasheet(HTML) 1 Page - Motorola, Inc

  DSP56F826 Datasheet HTML 1Page - Motorola, Inc DSP56F826 Datasheet HTML 2Page - Motorola, Inc DSP56F826 Datasheet HTML 3Page - Motorola, Inc DSP56F826 Datasheet HTML 4Page - Motorola, Inc DSP56F826 Datasheet HTML 5Page - Motorola, Inc DSP56F826 Datasheet HTML 6Page - Motorola, Inc DSP56F826 Datasheet HTML 7Page - Motorola, Inc DSP56F826 Datasheet HTML 8Page - Motorola, Inc DSP56F826 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
DSP56F826/D
Rev. # 0, 3/2001
Semiconductor Products Sector
© Motorola, Inc., 2001. All rights reserved.
DSP56F826
Preliminary Technical Data
DSP56F826 16-bit Digital Signal Processor
Up to 40 MIPS at 80MHz core frequency
DSP and MCU functionality in a unified,
C-efficient architecture
Hardware DO and REP loops
MCU-friendly instruction set supports both
DSP and controller functions: MAC, bit
manipulation unit, 14 addressing modes
•31.5K
× 16-bit words Program Flash
512
× 16-bit words Program RAM
•2K
× 16-bit words Data Flash
•4K
× 16-bit words Data RAM
•2K
× 16-bit words BootFLASH
Up to 64K
× 16-bit words each of external
memory expansion for Program and Data
memory
One Serial Port Interface (SPI)
One additional SPI or two optional Serial
Communication Interfaces (SCI)
One Synchronous Serial Interface (SSI)
One General Purpose Quad Timer
•JTAG/OnCE
for debugging
100-pin LQFP Package
16 dedicated and 30 shared GPIO
One Time-of-Day module
Figure 1. DSP56F826 Block Diagram
JTAG/
OnCE
Port
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Two 36-bit Accumulators
Address
Generation
Unit
Bit
Manipulation
Unit
PLL
Clock Gen
.
16-Bit
DSP56800
Core
PAB
PDB
XDB2
CGDB
XAB1
XAB2
XTAL
EXTAL
INTERRUPT
CONTROLS
IPBB
CONTROLS
IPBus Bridge
(IPBB)
MODULE CONTROLS
ADDRESS BUS [8:0]
DATA BUS [15:0]
COP
RESET
Application-
Specific
Memory &
Peripherals
Interrupt
Controller
Program Memory
32252 x 16 Flash
512 x 16 SRAM
Boot Flash
2048 x 16 Flash
Data Memory
2048 x 16 Flash
4096 x 16 SRAM
COP/
Watchdog
SCI0 & SCI1
or
SPI0
SSI
or
GPIO
Quad Timer
or
GPIO
4
6
4
16
16
IO
VDD
IO
VSS
VDDA
VSSA
6
44
SPI1
or
GPIO
4
Dedicated
GPIO
16
External
Bus
Interface
Unit
External
Address Bus
Switch
Bus
Control
External
Data Bus
Switch
RD Enable
WR Enable
DS Select
PS Select
16
16
D[00:15]
A[00:15]
or
GPIO
CLKO
RESET
IRQA
IRQB
EXTBOOT
VDD
VSS
3
3
TOD
Timer
Low Voltage Supervisor
Analog Reg


Similar Part No. - DSP56F826

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F826 FREESCALE-DSP56F826 Datasheet
983Kb / 56P
   16-bit Digital Signal Controllers
DSP56F826 FREESCALE-DSP56F826 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
DSP56F826-827UM FREESCALE-DSP56F826-827UM Datasheet
983Kb / 56P
   16-bit Digital Signal Controllers
DSP56F826-827UM FREESCALE-DSP56F826-827UM Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F826-827UM/D MOTOROLA-DSP56F826-827UM/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
More results

Similar Description - DSP56F826

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com