Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX646M1R Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74LCX646M1R
Description  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX646M1R Datasheet(HTML) 3 Page - STMicroelectronics

  74LCX646M1R Datasheet HTML 1Page - STMicroelectronics 74LCX646M1R Datasheet HTML 2Page - STMicroelectronics 74LCX646M1R Datasheet HTML 3Page - STMicroelectronics 74LCX646M1R Datasheet HTML 4Page - STMicroelectronics 74LCX646M1R Datasheet HTML 5Page - STMicroelectronics 74LCX646M1R Datasheet HTML 6Page - STMicroelectronics 74LCX646M1R Datasheet HTML 7Page - STMicroelectronics 74LCX646M1R Datasheet HTML 8Page - STMicroelectronics 74LCX646M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
M74LCX646
3/13
TRUTH TABLE
X : Don’t Care
Z : High Impedance
Qn : The data stored to the internal flip-flops by most recent low to high transition of the clock inputs
* : The data at the A and B bus will be stored to the internal flip-flops on every low to high transition of the clock inputs.
G
DIR CAB CBA SAB SBA
A
B
FUNCTION
HX
INPUTS
INPUTS
Both the A bus and the B bus are inputs
X
X
X
X
Z
Z
The Output functions of the A and B bus are disabled
X
X
INPUTS
INPUTS
Both the A and B bus are used as inputs to the internal
flip-flops. Data at the bus will be stored on low to high
transition of the clock inputs.
LH
INPUTS
OUTPUTS The A bus are inputs and the B bus are outputs
XX*
L
X
LL
The data at the A bus are displayed at the B bus
HH
X*
L
X
L
L
The data at the A bus are displayed at the B bus. The
data of the A bus are stored to internal flip-flop on low
to high transition of the clock pulse
HH
XX*
H
X
X
Qn
The data stored to the internal flip-flop are displayed at
the B bus.
X*
H
X
L
L
The data at the A bus are stored to the internal flip-flop
on low to high transition of the clock pulse. The states
of the internal flip-flops output directly to the B bus.
HH
LL
OUTPUTS
INPUTS
The B bus are inputs and the A bus are outputs.
X*
X
X
L
LL
The data at the B bus are displayed at the A bus
HH
X*
X
L
L
L
The data at the B bus are displayed at the A bus. The
data of the B bus are stored to the internal flip-flop on
low to high transition of the clock pulse.
HH
X*
XXH
Qn
X
The data stored to the internal flip-flops are displayed
at the A bus
X*
X
H
L
L
The data at the B bus are stored to the internal flip-flop
on low to high transition of the clock pulse. The states
of the internal flip-flops output directly to the A bus.
HH


Similar Part No. - 74LCX646M1R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX646MSA FAIRCHILD-74LCX646MSA Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX646MSAX FAIRCHILD-74LCX646MSAX Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX646MTC FAIRCHILD-74LCX646MTC Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX646MTCX FAIRCHILD-74LCX646MTCX Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX646M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX652 STMICROELECTRONICS-74LCX652 Datasheet
387Kb / 16P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
74LCX646 STMICROELECTRONICS-74LCX646_04 Datasheet
418Kb / 16P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
   Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Integrated Device Techn...
IDT74LVC245A IDT-IDT74LVC245A Datasheet
73Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR2245A IDT-IDT74LVCR2245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2245A IDT-IDT74LVC2245A Datasheet
68Kb / 7P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVC16646A IDT-IDT74LVC16646A Datasheet
211Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVCH16646A RENESAS-IDT74LVCH16646A Datasheet
528Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
JANUARY 2016
logo
Integrated Device Techn...
IDT74LVCH16646A IDT-IDT74LVCH16646A Datasheet
118Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com