Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1984 Datasheet(PDF) 20 Page - Analog Devices

Part No. AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1984 Datasheet(HTML) 20 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Rev. 0
|
Page 20 of 20
|
January 2007
AD1984
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06535-0-1/07(0)
OUTLINE DIMENSIONS
Dimensions are shown in millimeters.
ORDERING GUIDE
Figure 9. 48-Lead, Pb-Free, Frame Chip Scale Package [LFCSP_VQ]
7 mm x 7 mm Body, Very Thin Quad (CP-48-1)
Model
Temperature Range
Package Description
Package Option
AD1984JCPZ
1
1 Z = Pb-free part.
0°C to 70°C
48-Lead LFCSP_VQ
CP-48-1
AD1984JCPZ-REEL1
0°C to 70°C
48-Lead LFCSP_VQ
CP-48-1
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1981HDHD Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
ADSP-1981BLAC 97 SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
WM9712LAC97 Audio and Touchpanel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
NCP90021.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
CRD4205-2PC Audio Docking Station Companion Board 1 2 3 4 5 MoreCirrus Logic
TEA6420BUS-CONTROLLED AUDIO MATRIX SWITCH 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn