Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1984 Datasheet(PDF) 19 Page - Analog Devices

Part No. AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1984 Datasheet(HTML) 19 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD1984
Rev. 0
|
Page 19 of 20
|
January 2007
In Table 10, default configuration values are set on codec
power-up only. Default configuration values are not reset by
link or soft reset to preserve modifications by BIOS control. Bits
11:9 are reserved.
Table 10. Default Configuration Bytes
31:30
29:28
27:24
23:20
19:16
15:12
8
7:4
3:0
Connectivity
Location
Def. Device Conn Type
Color
Def Assn. Seq.
ID
Name
Value
Chasis
Position
JD OR
11
Port A
0321401F
Jack
External
Left
HP Out
1/8" Jack
Green
0
1
F
12
Port D
90130110 Fixed
Internal
N/A
Speaker
ATAPI
Unknown 1
1
0
13
Mono Out
901301F0
Fixed
Internal
N/A
Speaker
ATAPI
Unknown 1
F
0
14
Port B
03A190F0 Jack
External
Left
Mic In
1/8" Jack
Pink
0
F
0
15
Port C
96A30120 Fixed
Internal
Bottom
Mic In
ATAPI
Unknown 1
2
0
16
Port F
99330121 Fixed
Internal
Special 3
CD
ATAPI
Unknown 1
2
1
17
Dig Mic 1/2 Pin
95A601F0 Fixed
Internal
Top
Mic In
Other Digital Unknown 1
F
0
18
Dig Mic 3/4 Pin
95A601F0 Fixed
Internal
Top
Mic In
Other Digital Unknown 1
F
0
1A Analog PCBeep
90F301F0
Fixed
Internal
N/A
other
ATAPI
Unknown 1
F
0
1B
S/PDIF Out Pin
014511F0
Jack
External
Rear
SPDIF Out
Optical
Black
1
F
0
1C Port E
21A1902E Jack
Separate
Rear
Mic In
1/8" Jack
Pink
0
2
E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1981HDHD Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
ADSP-1981BLAC 97 SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
WM9712LAC97 Audio and Touchpanel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
NCP90021.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
CRD4205-2PC Audio Docking Station Companion Board 1 2 3 4 5 MoreCirrus Logic
TEA6420BUS-CONTROLLED AUDIO MATRIX SWITCH 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn