Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1984 Datasheet(PDF) 18 Page - Analog Devices

Part No. AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1984 Datasheet(HTML) 18 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Rev. 0
|
Page 18 of 20
|
January 2007
AD1984
23
00300101
00000002
24
00200103
80000000
00000002
25
0030010D
00000001
00270300
26
00F00100
00000003
Table 9. Connection List
Node
ID
Connections
012
3456
7
8
9
[0–3]
[4–7]
[8–11]
INID
INID
INID
I NID
INID
INID
INID
INID INID
INID
02
00090801
01
08
I
09
03
04
05
00000017
17
06
00000018
18
07
00002122
03
21
08
0000000C
0C
09
0000000D
0D
0A
00002104
04
21
0B
0000210F
0F
21
0C
25209614
1 14
16
20
25
0D
25209614
1 14
16
20
25
0E
00000403
03
04
0F
00000403
03
04
10
11
00000007
07
12
0000000A
0A
13
0000001F
1F
14
15
16
0000000B
0B
17
18
19
00002120
20
21
1A
1B
00000002
02
1C
00000024
24
1D
8F0A1907
96111C1A
0000A61E
07
19
0A
1 0F
1A
1C
11
1 16
1E
1 26
1E
0000210E
0E
21
1F
0000001E
1E
20
251A9614
1 14
16
1A
25
21
00000020
20
22
00000403
03
04
23
00000403
03
04
24
00002123
23
21
25
0000001C
26
26
001C1514
14
15
Table 8. Widget Parameters (Continued)
Node
ID
Widget
Capabilities
09
PCM Size,
Rate
0A
Stream
Formats
0B
Pin
Capabilities
0C
Input Amp
Capabilities
0D
Con. List
Length
0E
Power States
0F
Output Amp
Capabilities
12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1981HDHD Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
ADSP-1981BLAC 97 SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
WM9712LAC97 Audio and Touchpanel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
NCP90021.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
CRD4205-2PC Audio Docking Station Companion Board 1 2 3 4 5 MoreCirrus Logic
TEA6420BUS-CONTROLLED AUDIO MATRIX SWITCH 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn