Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1984 Datasheet(PDF) 17 Page - Analog Devices

Part No. AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1984 Datasheet(HTML) 17 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD1984
Rev. 0
|
Page 17 of 20
|
January 2007
AD1984 HD AUDIO PARAMETER
Table 6. Root and Function Node Parameters
Node ID
Name
Type
Vendor ID
00
Revision ID
02
Sub Node
Count
04
Func. Group
Type
05
Audio F.G.
Caps
08
GPIO Caps
11
00
ROOT
Root
11D41984
00100400
00010001
01
FUNCTION
Function
00020025
00000001
00010C0C
40000003
Table 7. SubSystem ID 1
1 The SSID value is set on codec power-up only. SSID is not reset by link
or soft reset in order to preserve modifications by BIOS control.
31:16
15:8
7:0
SSID
SKU
Asm ID
01
FUNCTION BFD4
00
00
Table 8. Widget Parameters
Node
ID
Widget
Capabilities
09
PCM Size,
Rate
0A
Stream
Formats
0B
Pin
Capabilities
0C
Input Amp
Capabilities
0D
Con. List
Length
0E
Power States
0F
Output Amp
Capabilities
12
01
000004C0
000E07FF
00000001
80000000
00000009
00052727
02
00030311
000E07E0
00000005
00000003
03
00000405
000E07FF
00000001
00000000
00000009
00052727
04
00000405
000E07FF
00000001
00000000
00000009
00052727
05
0010050B
000E07FF
00000001
80053627
00000001
00000009
06
0010050B
000E07FF
00000001
80053627
00000001
00000009
07
00200103
80000000
00000002
08
00100501
000E07FF
00000001
00000001
00000009
09
00100501
000E07FF
00000001
00000001
00000009
0A
00200103
80000000
00000002
0B
00200103
80000000
00000002
0C
0030010D
00000004
80053627
0D
0030010D
00000004
80053627
0E
00300101
00000002
0F
00300101
00000002
10
0070000C
00000000
800B0F0F
11
0040018D
0000001F
00000001
80000000
12
0040058D
0001001F
00000001
00000009
80000000
13
0040050C
00010010
00000001
00000009
80051F1F
14
0040008B
00003727
00270300
00000000
15
0040008B
00003727
00270300
00000000
16
0040018D
00000037
00000001
80000000
17
00400001
00000020
00000000
18
00400001
00000020
00000000
19
00500500
00000002
00000009
1A
00400000
00000020
00000000
1B
0040030D
00000010
00000001
80052727
1C
0040018D
00003737
00000001
80000000
1D
00F00100
0000000A
1E
00200103
80000000
00000002
1F
00200100
00000001
20
0020010B
80051F17
00000004
21
0030010D
00000001
80051F1F
22
00300101
00000002


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1981HDHD Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
ADSP-1981BLAC 97 SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
WM9712LAC97 Audio and Touchpanel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
NCP90021.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
CRD4205-2PC Audio Docking Station Companion Board 1 2 3 4 5 MoreCirrus Logic
TEA6420BUS-CONTROLLED AUDIO MATRIX SWITCH 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn