Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1984 Datasheet(PDF) 11 Page - Analog Devices

Part No. AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1984 Datasheet(HTML) 11 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1984
Rev. 0
|
Page 11 of 20
|
January 2007
FILTER/REFERENCE
VREF _FILT
MIC_BIAS-B
MIC_BIAS-C
27
28
29
O
O
O
Voltage Reference Filter.
Switchable Microphone Bias. For use with Port B (Pins 21, 22).
Switchable Microphone Bias. For use with Port C (Pins 23, 24).
Both MIC bias pins are capable of Hi-Z, 0 V, 1.65 V, 3.7 V, and 3.9 V (with 5.0 V on
Pin 33), Hi-Z, 0 V, 1.65 V, 2.86 V, and 3.0 V (with 3.3 V on Pin 33).
DVCORE
1
O
CAUTION: DO NOT APPLY 3.3 V TO THIS PIN!
Filter connection for internal core voltage regulator. This pin must be connected to
filter caps: 10
μF, 1.0 μF, and 0.1μF connected in parallel between Pin 1 and
DVSS (Pin 7).
POWER AND GROUND
DVIO 3.3V
3
I
Link Digital I/O Voltage Reference. 3.3 V
DVSS
7
I
Digital supply return (ground).
DVDD 3.3 V
9
I
Digital supply voltage 3.3 V . This is regulated down to DVCORE on Pin 1 to supply the
internal digital core internal to the AD1984.
AVDD 3.3 V
25, 38
I
CAUTION: DO NOT APPLY 5 V TO THESE PINS!
Analog supply voltage 3.3 V ONLY.
Note: AVDD supplies should be well regulated and filtered as supply noise degrades
audio performance.
MIC_BIAS_IN
5.0 V or 3.3 V
33
I
Source power for microphone bias boost circuitry.
Connect this pin to 5.0 V via a low-pass filter. When connected this way the AD1984 is
capable of providing +3.9 V as a mic bias to all of the mic bias pins (except on
Pin 31).
If 5 V is not available, connect this pin to +3.3 V (AVDD) via a low-pass filter.
The AD1984 produces a mic bias voltage relative to the AVDD supply
(typically 3.0 V @ AVDD = 3.3 V).
AVSS
26, 42
I
Analog supply return (ground). AVSS should be connected to DVSS using a conductive
trace under, or close to, the AD1984.
Table 3. AD1984 Pin Descriptions (Continued)
Mnemonic
Pin No.
I/O
Description
The symbols used in this table are defined as: I = Input, O = Output, LI = Line Level Input, LO = Line Level Output, HP = Output capable of
driving headphone load, MIC = Input supports microphones with MIC bias and boost amplifier.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1981HDHD Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
ADSP-1981BLAC 97 SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
WM9712LAC97 Audio and Touchpanel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
NCP90021.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
CRD4205-2PC Audio Docking Station Companion Board 1 2 3 4 5 MoreCirrus Logic
TEA6420BUS-CONTROLLED AUDIO MATRIX SWITCH 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn