Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1984 Datasheet(PDF) 8 Page - Analog Devices

Part No. AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1984 Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Rev. 0
|
Page 8 of 20
|
January 2007
AD1984
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed below may cause permanent
damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above
those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
ESD SENSITIVITY
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TAMB = TCASE – (PD × θCA)
TCASE = Case Temperature in °C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
All measurements per EIA-JESD51 with 2S2P test board per
EIA-JESD51-7.
Power Supplies
Min
Max
Unit
Digital (DVDD)
–0.30
+3.65
V
Digital I/O (DVIO)
–0.30
+3.65
V
Analog (AVDD)
–0.30
+3.65
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.30
AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
–0.30
DVIO + 0.3 V
Ambient Temperature (Operating)
0
+70
°C
Storage Temperature
–65
+150
°C
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary circuitry, damage may occur
on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be take to avoid
performance degradation or loss of functionality.
Table 2. Thermal Resistance
Package
θ
JA
θ
JC
θ
CA
Unit
LFCSP_VQ
47
15
32
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1981HDHD Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
ADSP-1981BLAC 97 SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
WM9712LAC97 Audio and Touchpanel CODEC 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
NCP90021.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
CRD4205-2PC Audio Docking Station Companion Board 1 2 3 4 5 MoreCirrus Logic
TEA6420BUS-CONTROLLED AUDIO MATRIX SWITCH 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn