Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1984 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1984 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1984 Datasheet HTML 2Page - Analog Devices AD1984 Datasheet HTML 3Page - Analog Devices AD1984 Datasheet HTML 4Page - Analog Devices AD1984 Datasheet HTML 5Page - Analog Devices AD1984 Datasheet HTML 6Page - Analog Devices AD1984 Datasheet HTML 7Page - Analog Devices AD1984 Datasheet HTML 8Page - Analog Devices AD1984 Datasheet HTML 9Page - Analog Devices AD1984 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. 0
|
Page 6 of 20
|
January 2007
AD1984
MICROPHONE BIAS
MIC_BIAS-B, MIC_BIAS-C
MIC_BIAS_IN (Pin 33) = +5 V or +3.3 V
VREF Setting = Hi-Z
Hi-Z
VREF Setting = 0 V
0
V dc
VREF Setting = 50%
1.65
V dc
MIC_BIAS_IN (Pin 33) = +5 V
VREF Setting = 80%
3.7
V dc
VREF Setting = 100%
3.9
V dc
MIC_BIAS_IN (Pin 33) = +3.3 V
VREF Setting = 80%
2.86
V dc
VREF Setting = 100%
3.0
V dc
MIC_BIAS-E (When enabled as BIAS)
VREF Setting = Hi-Z
Hi-Z
V dc
VREF Setting = 0 V
0
V dc
VREF Setting = 50%
1.65
V dc
VREF Setting = 80%
2.86
V dc
VREF Setting = 100%
3.0
V dc
Output Drive Current
VREF Setting = 50%, 80%, or 100%
1.6
mA
GPIO 0
Input Signal High (VIH)DVIO × 0.60
DVIO
V
Input Signal Low (VIL)0
DVIO × 0.24
V
Output Signal High (VOH)
IOUT = –500 μADVIO × 0.72
DVIO
V
Output Signal Low (VOL)IOUT = +1500 μA0
DVIO × 0.10
V
Input Leakage Current (Signal High) (IIH)
–150
nA
Input Leakage Current (Signal Low) (IIL)–50
μA
GPIO 1 and 2
Input Signal High (VIH)AVDD × 0.60
AVDD
V
Input Signal Low (VIL)0
AVDD × 0.24 V
Output Signal High (VOH)IOUT = –500 μAAVDD × 0.72
AVDD
V
Output Signal Low (VOL)IOUT = +1500 μA0
AVDD × 0.10 V
Input Leakage Current (Signal High) (IIH)
–150
nA
Input Leakage Current (Signal Low) (IIL)–50
μA
DM Clock
Output Signal High (VOH)IOUT = –500 μAAVDD × 0.72
AVDD
V
Output Signal Low (VOL)IOUT = +1500 μA0
AVDD × 0.10 V
DM 1/2 and 3/4
Input Signal High (VIH)AVDD × 0.60
AVDD
V
Input Signal Low (VIL)0
AVDD × 0.24 V
Input Leakage Current (Signal High) (IIH)
–150
nA
Input Leakage Current (Signal Low) (IIL)–50
nA
POWER SUPPLY
Analog (AVDD) 3.3 V ±5%
Power Supply Range
Power Dissipation
Supply Current
3.13
3.30
99
31
3.46
V
mW
mA
Digital (DVDD) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
162
58
3.63
V
mW
mA
Digital I/O (DVIO) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
3.96
1.2
3.63
V
mW
mA
Power Supply Rejection (reference to fS 100 mV p-p Signal @ 1 kHz)
1
80
dB
1 Guaranteed but not tested.
2 Measurements reflect main ADC.
3 RMS values assume sine wave input.
Parameter
Min
Typ
Max
Unit


Similar Part No. - AD1984

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1984

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com